Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3K15FV Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3K15FV
Description  High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K15FV Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3K15FV_07 Datasheet HTML 1Page - Toshiba Semiconductor SSM3K15FV_07 Datasheet HTML 2Page - Toshiba Semiconductor SSM3K15FV_07 Datasheet HTML 3Page - Toshiba Semiconductor SSM3K15FV_07 Datasheet HTML 4Page - Toshiba Semiconductor SSM3K15FV_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3K15FV
2007-11-01
3
Drain-Source voltage VDS (V)
ID – VDS
Gate-Source voltage VGS (V)
ID – VGS
Drain current ID (mA)
RDS (ON) – ID
Gate-source voltage VGS (V)
RDS (ON) – VGS
Ambient temperature Ta (°C)
RDS (ON) – Ta
Ambient temperature Ta (°C)
Vth – Ta
0
−25
0.4
2
50
150
125
0
0.2
1.2
1.6
75
1
Common Source
ID = 0.1 mA
VDS = 3 V
0.8
1.8
25
100
0.6
1.4
0
0
100
250
12
1.5
0.5
50
150
200
VGS = 2.1 V
2.3
2.5
2.7
Common Source
Ta
= 25°C
3
4
10
0
0
2
6
410
8
2
1
4
5
6
3
25°C
Ta
= 100°C
−25°C
Common Source
ID = 10 mA
0
−25
2
8
50
150
125
0
1
5
6
75
4
4 V
VGS = 2.5 V
Common Source
ID = 10 mA
3
7
25
100
0.01
0
1
1000
24
3
1
0.1
10
100
Ta
= 100°C
Common Source
VDS = 3 V
−25°C
25°C
4 V
VGS
= 2.5 V
0
0
4
10
80
200
160
40
2
6
8
120
Common Source
Ta
= 25°C


Similar Part No. - SSM3K15FV_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K15F TOSHIBA-SSM3K15F Datasheet
151Kb / 5P
   High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS Datasheet
177Kb / 5P
   High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS Datasheet
139Kb / 5P
   High Speed Switching Applications
SSM3K15FST5LFT TOSHIBA-SSM3K15FST5LFT Datasheet
177Kb / 5P
   High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS_07 Datasheet
166Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
More results

Similar Description - SSM3K15FV_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com