Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC7292AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74HC7292AF
Description  Programmable Divider/Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC7292AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC7292AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC74HC7292AP/AF
2007-10-01
7
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
(Q)
tTLH
tTHL
4
8
ns
Output transition time
(TP)
tTLH
tTHL
25
44
ns
Propagation delay time
(CK-Q)
tpLH
tpHL
42
75
ns
Propagation delay time
( CLR -Q)
tpHL
36
62
ns
Maximum clock frequency
fmax
30
70
MHz
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
(Q)
tTLH
tTHL
2.0
4.5
6.0
27
9
8
75
15
13
95
19
16
ns
Output transition time
(TP)
tTLH
tTHL
2.0
4.5
6.0
90
30
25
250
50
43
315
63
54
ns
Propagation delay
time
(CK-Q)
tpLH
tpHL
2.0
4.5
6.0
150
48
41
425
85
72
530
106
90
ns
Propagation delay
time
( CLR -Q)
tpHL
2.0
4.5
6.0
130
42
36
350
70
60
440
88
75
ns
Maximum clock
frequency
fmax
2.0
4.5
6.0
5
27
32
20
64
75
4
22
26
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
22
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC74HC7292AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC7292AF TOSHIBA-TC74HC7292AF Datasheet
300Kb / 7P
   PROGRAMMABLE DIVIDER/TIMER
More results

Similar Description - TC74HC7292AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP Datasheet
300Kb / 7P
   PROGRAMMABLE DIVIDER/TIMER
logo
STMicroelectronics
M54HC292 STMICROELECTRONICS-M54HC292 Datasheet
299Kb / 14P
   PROGRAMMABLE DIVIDER/TIMER
M74HC292 STMICROELECTRONICS-M74HC292 Datasheet
469Kb / 12P
   PROGRAMMABLE DIVIDER/TIMER
M74HC294 STMICROELECTRONICS-M74HC294 Datasheet
422Kb / 11P
   PROGRAMMABLE DIVIDER/TIMER
logo
Renesas Technology Corp
HD74HC292 RENESAS-HD74HC292 Datasheet
123Kb / 10P
   Programmable Frequency Divider/Digital Timer
logo
Hitachi Semiconductor
HD74HC292 HITACHI-HD74HC292 Datasheet
68Kb / 12P
   Programmable Frequency Divider/Digital Timer
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com