Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JDV2S09S Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # JDV2S09S
Description  VCO for UHF band
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV2S09S Datasheet(HTML) 2 Page - Toshiba Semiconductor

  JDV2S09S_07 Datasheet HTML 1Page - Toshiba Semiconductor JDV2S09S_07 Datasheet HTML 2Page - Toshiba Semiconductor JDV2S09S_07 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JDV2S09S
2007-11-01
2
Reverse voltage VR (V)
CV – VR
Reverse voltage VR (V)
rs – VR
0
1
3
10
1
2
3
f
= 1 MHz
Ta
= 25°C
6
5
30
100
50
4
5
f
= 470 MHz
Ta
= 25°C
1
0
3
0.1
0.2
0.3
10
30
0.4
100
5
50


Similar Part No. - JDV2S09S_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S09S TOSHIBA-JDV2S09S Datasheet
74Kb / 2P
   VCO for UHF band
More results

Similar Description - JDV2S09S_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S09S TOSHIBA-JDV2S09S Datasheet
74Kb / 2P
   VCO for UHF band
JDV2S05E TOSHIBA-JDV2S05E Datasheet
65Kb / 1P
   VCO for UHF band
JDV2S05S TOSHIBA-JDV2S05S Datasheet
110Kb / 3P
   VCO for UHF band
JDV2S09FS TOSHIBA-JDV2S09FS Datasheet
120Kb / 3P
   VCO for UHF band
1SV280 TOSHIBA-1SV280_07 Datasheet
234Kb / 3P
   VCO for UHF Band Radio
1SV314 TOSHIBA-1SV314_07 Datasheet
144Kb / 3P
   VCO for UHF Band Radio
JDV2S07FS TOSHIBA-JDV2S07FS Datasheet
149Kb / 3P
   VCO for UHF Band Radio
JDV2S07S TOSHIBA-JDV2S07S Datasheet
96Kb / 3P
   VCO for UHF Band Radio
1SV293 TOSHIBA-1SV293_07 Datasheet
103Kb / 2P
   VCO for UHF Band Radio
JDV2S08FS TOSHIBA-JDV2S08FS Datasheet
115Kb / 3P
   VCO for the UHF band
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com