Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP626 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP626
Description  Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP626 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP626 Datasheet HTML 1Page - Toshiba Semiconductor TLP626 Datasheet HTML 2Page - Toshiba Semiconductor TLP626 Datasheet HTML 3Page - Toshiba Semiconductor TLP626 Datasheet HTML 4Page - Toshiba Semiconductor TLP626 Datasheet HTML 5Page - Toshiba Semiconductor TLP626 Datasheet HTML 6Page - Toshiba Semiconductor TLP626 Datasheet HTML 7Page - Toshiba Semiconductor TLP626 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP626,TLP626-2,TLP626-4
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP626,TLP626-2,TLP626-4
Programmable Controllers
AC / DC
−Input Module
Telecommunication
The TOSHIBA TLP626, −2 and −4 consist of gallium arsenide infrared
emitting diodes connected in inverse parallel, optically coupled to a
photo−transistor.
The TLP626−2 offers two isolated channels in an eight lead plastic DIP,
while the TLP626−4 provides four isolated channels in a sixteen plastic
DIP.
• Collector−emitter voltage: 55V(min.)
• Current transfer ratio
Current Transfer Ratio(min.)
Ta = 25°C
Ta =
−25~75°C
Classi
fication
IF = ±1mA
VCE = 0.5V
IF = ±0.5mA
VCE = 1.5V
IF = ±1mA
VCE = 0.5V
Marking
Of
Classi
fication
Rank BV
200%
100%
100%
BV
Standard
100%
50%
50%
BV, blank
• Isolation voltage: 5000Vrms min.
• UL recognized: UL1577, file no.E67349
• BSI approved: BS EN60065: 2002 certificate no.7426
BS EN60950-1: 2002 certificate no.7427
• Note: Application type name for certification test,
please use standard product type name, i.e.
TLP626(BV): TLP626
Pin Configuration (top view)
1 : Anode
Cathode
2 : Cathode
Anode
3 : Emitter
4 : Collector
TLP626
1
2
4
3
1, 3, 5, 7
: Anode, Cathode
2, 4, 6, 8
: Cathode, Anode
9, 11, 13, 15 : Emitter
10, 12, 14, 16 : Collector
TLP626
4
1
2
16
15
3
4
14
13
5
6
12
11
7
8
10
9
1, 3 : Anode
Cathode
2, 4 : Cathode
Anode
5, 7 : Emitter
6, 8 : Collector
TLP626
2
1
2
8
7
3
4
6
5
TOSHIBA
11−5B2
Weight: 0.26g
TOSHIBA
11−10C4
Weight: 0.54g
TOSHIBA
11−20A3
Weight: 1.1g
Unit in mm


Similar Part No. - TLP626

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
ISOCOM COMPONENTS
TLP626 ISOCOM-TLP626 Datasheet
1Mb / 3P
   LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP626-2 TOSHIBA-TLP626-2 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
ISOCOM COMPONENTS
TLP626-2 ISOCOM-TLP626-2 Datasheet
1Mb / 3P
   LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TLP626-3 ETC1-TLP626-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
More results

Similar Description - TLP626

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com