Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP631 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP631
Description  Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP631 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP631_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP631_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP631_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP631_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP631_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP631_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP631_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP631_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP631,TLP632
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector
−emitter breakdown
voltage
V(BR) CEO
IC = 0.5 mA
55
V
Emitter
−collector breakdown
voltage
V(BR) ECO
IE = 0.1 mA
7
V
Collector
−base breakdown
voltage
(TLP631)
V(BR) CBO
IC = 0.1 mA
80
V
Emitter
−base breakdown
voltage
(TLP631)
V(BR) EBO
IE = 0.1 mA
7
V
VCE = 24 V
10
100
nA
Collector dark current
ICEO
VCE = 24 V, Ta = 85°C
2
50
μA
Capacitance collector to
emitter
CCE
V = 0, f = 1 MHz
10
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
50
600
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
600
%
60
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
%
Collector
−emitter saturation
voltage
VCE (sat)
IC = 2.4 mA, IF = 8 mA
0.4
V


Similar Part No. - TLP631_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP631 TOSHIBA-TLP631 Datasheet
373Kb / 8P
   PROGAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results

Similar Description - TLP631_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com