Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JBT6K49-AS Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # JBT6K49-AS
Description  Power supply IC for TFT LCD Panels
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JBT6K49-AS Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button JBT6K49-AS Datasheet HTML 6Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 7Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 8Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 9Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 10Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 11Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 12Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 13Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
JBT6K49-AS
2002-03-12
10
gggg-Correction Reference Voltage
The +4.8 V generated by DC-DC converter (1) is used to generate g-correction reference voltages used by the
source driver (T6K47). The voltages generated serve as the maximum and minimum g-correction voltages.
These two voltage levels are switched by the signal input on the POL pin, allowing the g-correction voltage
circuit to be configured easily. Fig.1 is an example of a g-correction voltage circuit.
The following table lists the voltages output from the VLC and /VLC pins and the corresponding levels on the
POL pin.
POL
VLC
/VLC
COMOUT
0
0
VSO
0
1
VSO
0
VSO
Power-on
The JBT6K49-AS incorporates a trimming circuit designed to increase the precision of the LCD-driving
output voltage. After the power is turned on, the trimming circuit is reset on the leading edge of the signal input
on the reset pin. Use the following /RST pin processing sequence after power-on.
V0
V1
V2
V3
V4
V5
Source driver
T6K47
/VLC
VLC
JBT6K49-AS
Fig.1 Example of a
CCCC-correction voltage circuit
t
VDD/VBAT
/RST
/STB
1
ms <= t


Similar Part No. - JBT6K49-AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
   Source Driver for TFT LCD Panels
More results

Similar Description - JBT6K49-AS

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
logo
Rohm
BD8184MUV ROHM-BD8184MUV Datasheet
649Kb / 18P
   Power Supply ICs for TFT-LCD Panels Multi-channel System Power Supply IC for Small to Middle PANEL
logo
Toshiba Semiconductor
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
   Source Driver for TFT LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com