Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN7G10FE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # HN7G10FE
Description  Power Management Switch Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

HN7G10FE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  HN7G10FE Datasheet HTML 1Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 2Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 3Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 4Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 5Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 6Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HN7G10FE
2007-11-01
3
Q1 (Transistor)
IC – VBE
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
Collector current IC (mA)
VBE (sat) – IC
Collector-base voltage VCB (V)
Cob – VCB
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
50
0.1
3
500
10
1
0.3
30
Common emitter
IC/IB
= 20
Ta
= 25°C
30
10
0.1
5
3
1
0.5
0.3
100
300
0.0
1
0.8
0.4
1.2
Common emitter
VCE
= 2 V
Ta
= 100°C
25
−25
300
1000
1.6
500
30
100
50
3
10
5
IE
= 0 A
f
= 1 MHz
Ta
= 25°C
100
0.1
3
100
10
1
0.3
30
50
30
1
10
5
3
0
5
3
4
1
2
0
0.6
0.2
Common emitter
Ta
= 25°C
0.8
IB
= 0.5 mA
6
0.4
1.0
5
4
3
2
1
10000
0.1
3
1000
10
1
0.3
30
5000
3000
10
1000
500
300
100
50
30
100
300
Common emitter
VCE
= 2 V
Ta
= 100°C
25
−25
1000
0.1
3
1000
10
1
0.3
30
Common emitter
IC/IB
= 20
500
Ta
= 100°C
25
300
1
−25
100
50
30
10
5
3
100
300


Similar Part No. - HN7G10FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN7G10FE TOSHIBA-HN7G10FE Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - HN7G10FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K123TU TOSHIBA-SSM3K123TU Datasheet
161Kb / 6P
   Power Management Switch Applications
SSM6J412TU TOSHIBA-SSM6J412TU Datasheet
212Kb / 6P
   Power Management Switch Applications
logo
Zhaoxingwei Electronics...
CSD25310Q2 ZHAOXINGWEI-CSD25310Q2 Datasheet
288Kb / 5P
   Power Management Switch Applications
logo
Toshiba Semiconductor
SSM3J306T TOSHIBA-SSM3J306T Datasheet
168Kb / 6P
   Power management switch Applications
SSM3K104TU TOSHIBA-SSM3K104TU Datasheet
144Kb / 5P
   Power Management Switch Applications
SSM3K302T TOSHIBA-SSM3K302T Datasheet
170Kb / 6P
   Power Management Switch Applications
SSM6L14FE TOSHIBA-SSM6L14FE Datasheet
240Kb / 9P
   Power Management Switch Applications
SSM6P47NU TOSHIBA-SSM6P47NU Datasheet
186Kb / 6P
   Power Management Switch Applications
SSM6L39TU TOSHIBA-SSM6L39TU Datasheet
266Kb / 9P
   Power Management Switch Applications
SSM6L40TU TOSHIBA-SSM6L40TU Datasheet
265Kb / 9P
   Power Management Switch Applications
SSM6P39TU TOSHIBA-SSM6P39TU Datasheet
210Kb / 7P
   Power Management Switch Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com