Part Name
         Description
TC74HC221AP_07

 Dual Monostable Multivibrator ( 13 Page)


TOSHIBA
100% 
Zoom Out Zoom In
 
 1 page
background image
TC74HC221AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC221AP,TC74HC221AF,TC74HC221AFN
Dual Monostable Multivibrator
The TC74HC221A is a high speed CMOS MONOSTABLE
MULTIVIBRATOR fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
There are two trigger inputs,
A input (negative edge), and B
input (positive edge). These inputs are valid for a slow rise/fall
time signal (tr = tf = 1 s) as they are schmitt trigger inputs. This
device may also be triggered by using CLR input (positive
edge).
After triggering, the output stays in a MONOSTABLE state for
a time period determined by the external resistor and capacitor
(Rx, Cx ). A low level at the CLR input breaks this state.
Limits for Cx and Rx are:
External capacitor, Cx: No limit
External resistor, Rx: VCC = 2.0 V more than 5 kΩ
VCC ≥ 3.0 V more than 1 kΩ
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features (Note)
• High speed: tpd = 25 ns (typ.) at VCC = 5 V
• Low power dissipation
Standy by State: ICC = 4 μA (max) at Ta = 25°C
Active State: ICC = 700 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS221
Note:
In the case of using only one circuit, CLR should be
tied to GND, Rx/Cx・Cx・Q・ Q should be tied to OPEN, the other inputs should be tied to VCC or GND.
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC221AP
TC74HC221AF
TC74HC221AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK74123Dual Monostable Multivibrator with Clear 1 2 3 4 5 KODENSHI KOREA CORP.
4528BCMOS DUAL MONOSTABLE MULTIVIBRATOR 1 2 3 4 R & E International, Inc.
MC14528B_06Dual Monostable Multivibrator 1 2 3 4 5 MoreON Semiconductor
MC14538B_05Dual Precision Retriggerable/Resettable Monostable Multivibrator 1 2 3 4 5 MoreON Semiconductor
MC74HC4538A_05Dual Precision Monostable Multivibrator Retriggerable Resettable 1 2 3 4 5 MoreON Semiconductor
TC74HC123AP_07Dual Retriggerable Monostable Multivibrator 1 2 3 4 5 MoreToshiba Semiconductor
MM74HC221A_04Dual Non-Retriggerable Monostable Multivibrator 1 2 3 4 5 MoreFairchild Semiconductor
CD54HC4538_07High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator 1 2 3 4 5 MoreTexas Instruments
TC74HC423AP_07CMOS Digital Integrated Circuit Silicon Monolithic Dual Retriggerable Monostable Multivibrator 1 2 3 4 5 MoreToshiba Semiconductor
IW4528BDual Monostable Multivibrator High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl