Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC221AP Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC221AP
Description  Dual Monostable Multivibrator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC221AP Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC221AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC74HC221AP/AF/AFN
2007-10-01
5
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C shall be
applied until 300 mW.
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2 to 6
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
(
CLR only)
tr, tf
0 to 1000 (VCC = 2.0 V)
0 to 500 (VCC = 4.5 V)
0 to 400 (VCC = 6.0 V)
ns
External capacitor
Cx
No limitation
(Note 2)
F
External resistor
Rx
>= 5 k (Note 5) (VCC = 2.0 V)
>= 1 k (Note 5) (VCC >= 3.0 V)
Ω
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2
The maximum allowable values of Cx and Rx are a function of leakage of capacitor Cx, the leakage of
TC74HC221A, and leakage due to board layout and surface resistance.
Susceptibility to externally induced noise signals may occur for Rx
> 1 MΩ.


Similar Part No. - TC74HC221AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP Datasheet
468Kb / 11P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC221AP_07

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com