Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC158AFN Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC158AFN
Description  Quad 2-Channel Multiplexer (inverting)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC158AFN Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC158AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC158AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC158AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC158AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC158AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC158AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC158AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC158AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC158AFN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74HC157,158AP/AF/AFN
2007-10-01
5
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(A, B-Y, Y)
tpLH
tpHL
2.0
4.5
6.0
36
12
10
100
20
17
125
25
21
ns
Propagation delay
time
(SELECT-Y, Y)
tpLH
tpHL
2.0
4.5
6.0
50
16
14
125
25
21
155
31
26
ns
Propagation delay
time
(
STOROBE -Y, Y)
tpLH
tpHL
2.0
4.5
6.0
36
12
10
115
23
20
145
29
25
ns
Input capacitance
CIN
5
10
10
pF
TC74HC157A
57
Power dissipation
capacitance
CPD
(Note) TC74HC158A
53
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per bit)


Similar Part No. - TC74HC158AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC158AFN TOSHIBA-TC74HC158AFN Datasheet
269Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC158AFN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
STMicroelectronics
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
logo
ON Semiconductor
MC10158 ONSEMI-MC10158_02 Datasheet
88Kb / 4P
   Quad 2-Input Multiplexer (Non-Inverting)
January, 2002 ??Rev. 7
logo
Intersil Corporation
CD54AC157 INTERSIL-CD54AC157 Datasheet
8Kb / 1P
   Quad 2-Input Multiplexer Non-Inverting
June 1997
logo
ON Semiconductor
MC10H158 ONSEMI-MC10H158 Datasheet
103Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
REV 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com