Part Name
         Description
HUF75344A3

 N-Channel UltraFET Power MOSFET 55V, 75A, 8mΩ ( 8 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 1 page
background image
tm
October 2007
©2007 Fairchild Semiconductor Corporation
HUF75344A3 Rev. A1
www.fairchildsemi.com
1
HUF75344A3
N-Channel UltraFET Power MOSFET
55V, 75A, 8m
Features
•RDS(on) = 6.5mΩ ( Typ.)@ VGS = 10V, ID = 75A
• RoHS compliant
Description
• This N-channel power MOSFET is produced using Fairchild
Semiconductor’s innovative UItraFET process. This advanced
process
technology
achieves
the
lowest
possible
on-resistance per silicon area, resulting in outstanding
performance. This device is capable of withstanding high
energy in the avalanche mode and the diode exhibits very low
reverse recovery time and stored change. It was designed for
use in applications where power efficiency is important, such
as switching regulators, switching converters, motro drives,
relay drivers, low-voltage bus switches, and power manage-
ment in portable and battery-operated products.
D
G
S
GS
D
TO-3PN
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
55
V
VGSS
Gate to Source Voltage
±20
V
ID
Drain Current
-Continuous (TC = 130
oC)
75
A
IDM
Drain Current
- Pulsed
300
A
EAS
Single Pulsed Avalanche Energy
(Note 1)
1153
mJ
PD
Power Dissipation
(TC = 25
oC)
288.5
W
- Derate above 25oC1.92
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
Ratings
Units
RθJC
Thermal Resistance, Junction to Case
0.52
oC/W
RθJA
Thermal Resistance, Junction to Ambient
40



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HUF75344G3_0475A 55V 0.008 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA75344G3_0475A 55V 0.008 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
STD60N55F3N-channel 55V - 6.5mohm - 80A - DPAK - IPAK - D2PAK - TO-220/FP STripFET TM Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD65N55F3N-channel 55V - 8.0m ohm - 65A - DPAK STripFET TM Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
HUF75321D320A 55V 0.036 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUF75332G3_0560A 55V 0.019 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
STD60NF55L_06N-channel 55V - 0.012Ω - 60A - DPAK/IPAK STripFET™ II Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD60NF55LAN-channel 55V - 0.012Ω - 60A - DPAK STripFET™ II Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STB140NF55_07N-channel 55V - 0.0065Ω - 80A - D2PAK - I2PAK - TO-220 STripFET™ II Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
IRLZ34NSPBFHEXFET Power MOSFET VDSS = 55V RDS on = 0.035Ω ID = 30A 1 2 3 4 5 MoreInternational Rectifier

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl