Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF75344A3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HUF75344A3
Description  N-Channel UltraFET Power MOSFET 55V, 75A, 8m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF75344A3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HUF75344A3 Datasheet HTML 1Page - Fairchild Semiconductor HUF75344A3 Datasheet HTML 2Page - Fairchild Semiconductor HUF75344A3 Datasheet HTML 3Page - Fairchild Semiconductor HUF75344A3 Datasheet HTML 4Page - Fairchild Semiconductor HUF75344A3 Datasheet HTML 5Page - Fairchild Semiconductor HUF75344A3 Datasheet HTML 6Page - Fairchild Semiconductor HUF75344A3 Datasheet HTML 7Page - Fairchild Semiconductor HUF75344A3 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HUF75344A3 Rev. A1
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
*Notes:
1. VGS = 10V
2. ID = 75A
TJ, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
*Notes:
1. VGS = 0V
2. ID = 250µA
TJ, Junction Temperature [
o
C]
110
1
10
100
500
50µs
100µs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 175
o
C
3. Single Pulse
80
DC
25
50
75
100
125
150
175
0
40
80
120
160
TC, Case Temperature [
o
C]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
1E-3
0.01
0.1
1
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 0.52
o
C/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
t1
PDM
t2


Similar Part No. - HUF75344A3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
ON Semiconductor
HUF75344G3 ONSEMI-HUF75344G3 Datasheet
490Kb / 11P
   N-Channel UltraFET Power MOSFET 55 V, 75 A, 8 m廓
September-2017, Rev 3
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUF75344A3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5500-F085 FAIRCHILD-FDP5500-F085 Datasheet
448Kb / 7P
   N-Channel UltraFET Power MOSFET 55V, 80A, 7m廓
FDP5500 FAIRCHILD-FDP5500 Datasheet
448Kb / 7P
   N-Channel UltraFET Power MOSFET 55V, 80A, 7m廓
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75339G3 FAIRCHILD-HUF75339G3 Datasheet
292Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 FAIRCHILD-HUF75343G3 Datasheet
283Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUF75345G3 FAIRCHILD-HUF75345G3 Datasheet
286Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75343G3 FAIRCHILD-HUFA75343G3 Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com