Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC4053AFT Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74HC4053AFT
Description  CMOS Digital Integrated Circuit Silicon Monolithic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4053AFT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74HC4053AFT Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4053AFT Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4053AFT Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4053AFT Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4053AFT Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4053AFT Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4053AFT Datasheet HTML 10Page - Toshiba Semiconductor TC74HC4053AFT Datasheet HTML 11Page - Toshiba Semiconductor TC74HC4053AFT Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TC74HC4051,4052AP/AF/AFT,4053AP/AF/AFN/AFT
2007-10-01
8
Analog Switch Characteristics (GND = 0 V, Ta = 25°C) (Note 1)
Test Condition
Characteristics
Symbol
VEE
(V)
VCC
(V)
Typ.
Unit
Sine wave distortion
(T.H.D)
RL = 10 kΩ,
CL = 50 pF
fIN = 1 kHz
VIN = 4.0 Vp-p
VIN = 8.0 Vp-p
VIN = 11.0 Vp-p
−2.25
−4.5
−6.0
2.25
4.5
6.0
0.025
0.020
0.018
%
All
(Note 2)
120
4051
(Note 3)
45
4052
70
4053
−2.25 2.25
95
All
(Note 2)
190
4051
(Note 3)
70
4052
110
4053
−4.5
4.5
150
All
(Note 2)
200
4051
(Note 3)
85
4052
140
Frequency response
(switch on)
fmax
Adjust fIN voltage to obtain
0dBm at VOS
Increase fIN frequency until
dB meter reads
−3dB
RL = 50 Ω, CL = 10 pF
fIN = 1 MHz, sine wave
4053
−6.0
6.0
190
MHz
Feed through attenuation
(switch off)
VIN is centered at (VCC − VEE)/2
Adjust input for 0dBm
RL = 600 Ω, CL = 50 pF
fIN = 1 MHz, sine wave
−2.25
−4.5
−6.0
2.25
4.5
6.0
−50
−50
−50
dB
Crosstalk
(control input to signal output)
RL = 600 Ω, CL = 50 pF
fIN = 1 MHz, square wave (tr = tf = 6 ns)
−2.25
−4.5
−6.0
2.25
4.5
6.0
60
140
200
mV
Crosstalk
(between any switches)
Adjust VIN to obtain 0dBm at input
RL = 600 Ω, CL = 50 pF
fIN = 1 MHz, sine wave
−2.25
−4.5
−6.0
2.25
4.5
6.0
−50
−50
−50
dB
Note 1: These characteristics are determined by design of devices.
Note 2: Input COMMON terminal, and measured at SWITCH terminal.
Note 3: Input SWITCH terminal, and measured at COMMON terminal.


Similar Part No. - TC74HC4053AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4053AFT TOSHIBA-TC74HC4053AFT Datasheet
383Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULITIPLEXER
More results

Similar Description - TC74HC4053AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com