Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC4050AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC4050AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4050AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC4050AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4050AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4050AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4050AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4050AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4050AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4050AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4050AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4050AP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74HC4049,4050AP/AF/AFN/AFT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4049AP,TC74HC4049AF,TC74HC4049AFN,TC74HC4049AFT
TC74HC4050AP,TC74HC4050AF,TC74HC4050AFN,TC74HC4050AFT
TC74HC4049AP/AF/AFN/AFT Hex Buffer/Converter (inverting)
TC74HC4050AP/AF/AFN/AFT Hex
Buffer/Converter
The TC74HC4049A and TC74HC4050A are high speed CMOS
HEX BUFFERs fabricated with silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The TC74HC4049A is an inverting buffer, while the
TC74HC4050A is a non-inverting buffer. The internal circuits are
composed of 3-stages (HC4049A) or 2-stages (HC4050A) of
invertaers, which provided high noise immunity and stable
output.
Input protection circuits are different from those of other high
speed CMOS IC’s. They eliminate the diodes on the VCC side
thus providing of logic-level conversion from high-level volages
up to 15 V to low-level voltages.
They are useful for battery back up circuits, because input
voltage can be applied on IC’s which are not biased by VCC.
Features
• High speed: tpd = 9 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output Drive Capability: 15 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 6 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 V to 6 V
• Pin and function compatible with 4049B/4050B
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC4049AP, TC74HC4050AP
TC74HC4049AF, TC74HC4050AF
TC74HC4049AFN, TC74HC4050AFN
TC74HC4049AFT, TC74HC4050AFT
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74HC4050AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4050AP TOSHIBA-TC74HC4050AP Datasheet
291Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC4050API TOSHIBA-TC74HC4050API Datasheet
291Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC4050AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com