Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TLP250 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP250
Description  GaAℓAs Ired & Photo-IC
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TLP250
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo−IC
TLP250
Transistor Inverter
Inverter For Air Conditioner
IGBT Gate Drive
Power MOS FET Gate Drive
The TOSHIBA TLP250 consists of a GaAlAs light emitting diode and a
integrated photodetector.
This unit is 8lead DIP package.
TLP250 is suitable for gate driving circuit of IGBT or power MOS FET.
• Input threshold current: IF=5mA(max.)
• Supply current (ICC): 11mA(max.)
• Supply voltage (VCC): 1035V
• Output current (IO): ±1.5A (max.)
• Switching time (tpLH/tpHL): 0.5μs(max.)
• Isolation voltage: 2500Vrms(min.)
• UL recognized: UL1577, file No.E67349
• Option(D4)
VDE Approved : DIN EN60747-5-2
Maximum Operating Insulation Voltage : 890VPK
Highest Permissible Over Voltage
: 4000VPK
(Note):When a EN60747-5-2 approved type is needed,
Please designate “Option(D4)”
Truth Table
Tr1
Tr2
On
On
Off
Input
LED
Off
Off
On
Unit in mm
TOSHIBA
11−10C4
Weight: 0.54 g(Typ.)
Pin Configuration (top view)
8
7
6
5
1 : N.C.
2 : Anode
3 : Cathode
4 : N.C.
1
2
3
4
5 : GND
6 : VO (Output)
7 : VO
8 : VCC
Schmatic
2+
VF
IF
3-
ICC
(Tr 1)
VO
GND
(Tr 2)
IO
VO
VCC
8
7
6
5
A 0.1μF bypass capcitor must be
connected between pin 8 and 5 (See Note 5).




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
6N137_07GaAℓAs Ired & Photo IC Degital Logic Isolation 1 2 3 4 5 MoreToshiba Semiconductor
6N135_07GaAℓAs Ired & Photo IC Digital Logic Isolation. 1 2 3 4 5 MoreToshiba Semiconductor
6N138_07GaAℓAs Ired & Photo IC Current Loop Driver. 1 2 3 4 5 MoreToshiba Semiconductor
TLP759F_07GaAℓAs Ired + Photo−IC 1 2 Toshiba Semiconductor
TLP751_07GaAℓAs Ired + Photo IC 1 2 3 4 5 MoreToshiba Semiconductor
TLP191B_07GaAℓAs Ired & Photo-Diode Array 1 2 3 4 Toshiba Semiconductor
TLP2601TOSHIBA Photocoupler GaALAs Ired & Photo-IC 1 2 3 4 5 MoreToshiba Semiconductor
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP591BTOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array 1 2 3 4 Toshiba Semiconductor
SI5315-C_1IRED 1 2 3 4 AUK corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl