Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN1A02F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # HN1A02F
Description  Silicon PNP Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

HN1A02F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  HN1A02F Datasheet HTML 1Page - Toshiba Semiconductor HN1A02F Datasheet HTML 2Page - Toshiba Semiconductor HN1A02F Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HN1A02F
2007-11-22
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
HN1A02F
Audio Frequency Power Amplifier Applications
Switching applications
High hFE : hFE(1) = 120~400
Low VCE(sat.) : VCE (sat) = −0.2 V (max.) (IC = −400 mA, IB = −8 mA)
Small Power Motor Driver Application.
Absolute Maximum Ratings (Ta = 25°C) (Q1, Q2 Common)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−15
V
Collector-emitter voltage
VCEO
−15
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−800
mA
Base current
IB
−160
mA
Collector power dissipation
PC*
300
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*Total rating. Power dissipation per element should not exceed 200mW.
Electrical Characteristics (Ta = 25°C) (Q1,Q2 Common)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −15V, IE = 0
−100
nA
Emitter cut-off current
IEBO
VEB = −5V, IC = 0
−100
nA
Collector-Emitter Brakedown Voltage
V(BR)CEO
IC = −10mA,IB= 0
−15
V
hFE(1) (Note)
VCE = −1V, IC = −100mA
120
400
DC current gain
hFE(2)
VCE = −1V, IC = −800mA
40
Collector-emitter saturation voltage
VCE (sat)
IC = −400mA, IB = −8mA
−0.2
V
Base-Emitter voltage
VBE
VCE = −5V, IC = −10mA
−0.5
−0.8
V
Transition frequency
fT
VCE = −5V, IC = −10mA
120
MHz
Collector output capacitance
Cob
VCB = −10V, IE = 0, f = 1MHz
13
pF
Note:
hFE Classification Y (Y): 120~240, GR (G): 200~400 ( ) Marking Symbol
Marking
Equivalent Circuit (Top View)
1.EMITTER1
2.BASE1
3.COLLECTOR2
4.EMITTER2
5.BASE2
6.COLLECTOR1
(E1)
(B1)
(C2)
(E2)
(B2)
(C1)
JEDEC
EIAJ
TOSHIBA
2-3N1A
Weight: 0.015mg(typ)
Unit: mm
26


Similar Part No. - HN1A02F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1A01F TOSHIBA-HN1A01F Datasheet
157Kb / 2P
   PNP EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1A01F TOSHIBA-HN1A01F Datasheet
224Kb / 4P
   Silicon PNP Epitaxial Type (PCT Process) Audio-Frequency General-Purpose Amplifier
HN1A01F TOSHIBA-HN1A01F Datasheet
235Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
HN1A01FE TOSHIBA-HN1A01FE Datasheet
193Kb / 3P
   Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1A01FU TOSHIBA-HN1A01FU Datasheet
155Kb / 2P
   PNP EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
More results

Similar Description - HN1A02F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1A07F TOSHIBA-HN1A07F Datasheet
122Kb / 3P
   Silicon PNP Epitaxial Type (PCT Process) Audio Frequency Small Power Amplifier Applications
HN1A01FE TOSHIBA-HN1A01FE Datasheet
193Kb / 3P
   Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
2SC3421 TOSHIBA-2SC3421_06 Datasheet
120Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
HN1A01FU TOSHIBA-HN1A01FU_07 Datasheet
238Kb / 4P
   Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1B04FU TOSHIBA-HN1B04FU Datasheet
386Kb / 6P
   Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
2SC4666 TOSHIBA-2SC4666_07 Datasheet
458Kb / 4P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency Amplifier Applications
2SC3423 TOSHIBA-2SC3423_06 Datasheet
125Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Amplifier Applications
2SC3325 TOSHIBA-2SC3325_07 Datasheet
302Kb / 4P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
2SC4118 TOSHIBA-2SC4118_07 Datasheet
329Kb / 4P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
2SC3422 TOSHIBA-2SC3422_06 Datasheet
120Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com