Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT40T301 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # GT40T301
Description  Silicon N Channel IGBT Parallel Resonance Inverter Switching Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT40T301 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  GT40T301_06 Datasheet HTML 1Page - Toshiba Semiconductor GT40T301_06 Datasheet HTML 2Page - Toshiba Semiconductor GT40T301_06 Datasheet HTML 3Page - Toshiba Semiconductor GT40T301_06 Datasheet HTML 4Page - Toshiba Semiconductor GT40T301_06 Datasheet HTML 5Page - Toshiba Semiconductor GT40T301_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GT40T301
2006-11-01
1
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT40T301
Parallel Resonance Inverter Switching Applications
• FRD included between emitter and collector
• Enhancement mode type
• High speed IGBT : tf = 0.25 μs (typ.) (IC = 40 A)
FRD : trr = 0.7 μs (typ.) (di/dt = −20 A/μs)
• Low saturation voltage: VCE (sat) = 3.7 V (typ.) (IC = 40 A)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-emitter voltage
VCES
1500
V
Gate-emitter voltage
VGES
±25
V
DC
IC
40
Collector current
1 ms
ICP
80
A
DC
IECF
30
Emitter-collector forward
current
1 ms
IECPF
80
A
Collector power dissipation (Tc
=
25°C)
PC
200
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Equivalent Circuit
Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
2-21F2C
Weight: 9.75 g (typ.)
Collector
Gate
Emitter
GT40T301
TOSHIBA
JAPAN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - GT40T301_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT40T301 TOSHIBA-GT40T301 Datasheet
311Kb / 6P
   Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT40T301 TOSHIBA-GT40T301 Datasheet
835Kb / 16P
   Discrete IGBTs
More results

Similar Description - GT40T301_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT60N322 TOSHIBA-GT60N322 Datasheet
166Kb / 6P
   Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
GT40Q323 TOSHIBA-GT40Q323_06 Datasheet
150Kb / 6P
   Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
GT60M323 TOSHIBA-GT60M323_06 Datasheet
168Kb / 6P
   Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
GT35J321 TOSHIBA-GT35J321 Datasheet
290Kb / 6P
   Fourth-generation IGBT Current Resonance Inverter Switching Applications
GT40Q321 TOSHIBA-GT40Q321_06 Datasheet
157Kb / 6P
   Silicon N Channel IEGT Voltage Resonance Inverter Switching Application
GT50J327 TOSHIBA-GT50J327 Datasheet
159Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT Current Resonance Inverter Switching Application
GT30J122 TOSHIBA-GT30J122 Datasheet
498Kb / 6P
   4TH GENERATION IGBT CURRENT RESONANCE INVERTER SWITCHING
GT30J322 TOSHIBA-GT30J322 Datasheet
257Kb / 5P
   N CHANNEL MOS TYPE ( THE 4TH GENERATION CURRENT RESONANCE INVERTER SWITCHING APPLICATIONS)
GT15J331 TOSHIBA-GT15J331_06 Datasheet
222Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
GT15Q102 TOSHIBA-GT15Q102_06 Datasheet
189Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com