Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC670AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC670AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic 4 Word 횞 4 Bit Register File (3-state)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC670AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC670AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC670AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC670AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC670AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC670AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC670AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC670AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC670AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC670AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC670AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC670AP,TC74HC670AF
4 Word × 4 Bit Register File (3-state)
The TC74HC670A is a high speed 4-WORDS × 4-BITS
REGISTER FILE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The register file is organized as 4 words of 4 bits each.
Separate read and write address inputs (RA, RB, and WA, WB)
and enable inputs ( RE , WE ) are available permitting
simultaneous writing into one word location and reading from
another location.
Four data inputs (D0~D3) are provided to store the 4-bit words.
The write address inputs (WA, WB) determine the location of
the stored word in the register. When write Enable ( WE ) is held
low, the data is entered into addressed location. When WE is
held high, data and address inputs are inhibited. The data
acquisition from the four registers is made possible by the read
address inputs (RA, RB) when the Read Enable ( RE ) is held low.
When RE is held high the data outputs are in the high impedance
state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 23 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS670
Pin Assignment
TC74HC670AP
TC74HC670AF
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HC670AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
   4 WORDx4 BIT REGISTER FILE(3-STATE)
More results

Similar Description - TC74HC670AP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
   4 WORDx4 BIT REGISTER FILE(3-STATE)
TC74HC595AP TOSHIBA-TC74HC595AP_07 Datasheet
439Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
logo
Fairchild Semiconductor
DM74LS670 FAIRCHILD-DM74LS670 Datasheet
65Kb / 6P
   3-STATE 4-by-4 Register File
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
   4 x 4 register file; 3-state
December 1990
logo
Toshiba Semiconductor
TC74HC4094AP TOSHIBA-TC74HC4094AP_07 Datasheet
498Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift and Store Register (3-state)
TC74HC646AP TOSHIBA-TC74HC646AP_07 Datasheet
337Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Transceiver/Register (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com