Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC564AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC564AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Filp-Flop with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC564AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TC74HC564AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC564AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC564AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC564AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC564AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC564AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC564AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC564AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC564AP_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC74HC564AP/AF,574AP/AF
2007-10-01
6
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
CL (pF) VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
50
2.0
4.5
6.0
25
7
6
60
12
10
75
15
13
ns
50
2.0
4.5
6.0
70
20
15
150
30
26
190
38
33
Propagation delay
time
(CK-Q,
Q )
tpLH
tpHL
150
2.0
4.5
6.0
88
25
19
190
38
33
240
48
41
ns
50
2.0
4.5
6.0
48
15
12
125
25
21
155
31
26
Output enable time
tpZL
tpZH
RL = 1 kΩ
150
2.0
4.5
6.0
60
20
16
165
33
28
205
41
35
ns
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
50
2.0
4.5
6.0
34
17
15
125
25
21
155
31
26
ns
Maximum clock
frequency
fmax
50
2.0
4.5
6.0
6
31
36
17
50
59
5
24
28
MHz
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
Power dissipation
capacitance
CPD
(Note)
54
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)
And the total CPD when n pcs. of flip flop operate can be gained by the following equation:
CPD (total) = 39 + 15・n


Similar Part No. - TC74HC564AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
   OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
More results

Similar Description - TC74HC564AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC574P TOSHIBA-TC74AC574P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT574F TOSHIBA-TC74ACT574F_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT374P TOSHIBA-TC74ACT374P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74AC374FT TOSHIBA-TC74AC374FT_07 Datasheet
365Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-state Output
TC74ACT573P TOSHIBA-TC74ACT573P_07 Datasheet
235Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74AC573P TOSHIBA-TC74AC573P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74ACT373P TOSHIBA-TC74ACT373P_07 Datasheet
235Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74AC373P TOSHIBA-TC74AC373P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74HC573AP TOSHIBA-TC74HC573AP_07 Datasheet
274Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74AC377P TOSHIBA-TC74AC377P Datasheet
312Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com