Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC107AFN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74HC107AFN
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC107AFN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74HC107AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC107AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC107AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC107AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC107AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC107AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC107AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC107AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC107AFN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74HC107AP/AF/AFN
2007-10-01
2
Truth Table
Inputs
Outputs
CLR
J
K
CK
Q
Q
Function
L
X
X
X
L
H
Clear
H
L
L
Qn
n
Q
No Change
H
L
H
L
H
H
H
L
H
L
H
H
H
n
Q
Qn
Toggle
H
X
X
Qn
n
Q
No Change
X: Don’t care
System Diagram
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7
V
DC input voltage
VIN
−0.5~VCC + 0.5
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65~150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40°C~65°C. From Ta = 65°C to 85°C a derating factor of −10 mW/°C shall be
applied until 300 mW.


Similar Part No. - TC74HC107AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC107AFN TOSHIBA-TC74HC107AFN Datasheet
281Kb / 7P
   DUAL J - K FLIP FLOP WITH CLEAR
More results

Similar Description - TC74HC107AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC109AF TOSHIBA-TC74HC109AF_07 Datasheet
313Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip-Flop with Preset and Clear
TC74ACT112P TOSHIBA-TC74ACT112P Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P_07 Datasheet
313Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74AC109P TOSHIBA-TC74AC109P Datasheet
312Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
logo
STMicroelectronics
M54HC107 STMICROELECTRONICS-M54HC107 Datasheet
248Kb / 11P
   DUAL J-K FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC107AF TOSHIBA-TC74HC107AF Datasheet
281Kb / 7P
   DUAL J - K FLIP FLOP WITH CLEAR
TC74ACT175P TOSHIBA-TC74ACT175P_07 Datasheet
309Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74AC174P TOSHIBA-TC74AC174P_07 Datasheet
272Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear
TC74AC273P TOSHIBA-TC74AC273P_07 Datasheet
230Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_07 Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com