Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP192A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP192A
Description  Measurement and Control Equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP192A Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP192A_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP192A_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP192A_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP192A_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP192A_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP192A_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP192A_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP192A
2007-10-01
5
Ambient temperature Ta (°C)
IF – Ta
Ambient temperature Ta (°C)
ION – Ta
Forward voltage VF (V)
IF – VF
ION – VON
Ambient temperature Ta (°C)
RON – Ta
Ambient temperature Ta (°C)
IFT – Ta
On-state voltage VON (V)
0
−20
60
20
40
80
100
120
100
80
60
40
20
0
0
−20
120
100
80
60
40
20
0
1200
1000
800
600
400
200
C connection
A and B connections
Ta
= 25°C
0.6
0.8
1
1.2
1.6
1.8
1.4
100
30
10
3
1
0.3
0.1
ION = 400 mA
IF = 5 mA
A connection
3
0
−20
0
20
40
80
100
60
1
2
4
5
ION = 400 mA
t
< 1 s
A connection
3
0
−20
0
20
40
80
100
60
1
2
4
5
Ta
= 25°C
A connection
IF = 5 mA
−0.6
−0.4
−0.2
0
0.4
0.6
0.2
−600
−400
−200
0
200
400
600


Similar Part No. - TLP192A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
   Photocoupler Photorelay
More results

Similar Description - TLP192A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
   Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
   Measurement and Control Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
CMZB390 TOSHIBA-CMZB390 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB68 TOSHIBA-CMZB68 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB82 TOSHIBA-CMZB82 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com