Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP191B Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP191B
Description  GaA?밃s Ired & Photo-Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP191B Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP191B_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP191B_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP191B_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP191B_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLP191B
2007-10-01
2
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Forward current
IF
20
25
mA
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.2
1.4
1.7
V
Reverse current
IR
VR = 3 V
10
μA
LED
Capacitance
CT
V = 0, f = 1 MHz
30
60
pF
Forward voltage
VFD
IFD = 10 μA
7
V
Reverse current
IRD
VRD = 10 V
7
μA
Detector
Capacitance
(anode to cathode)
CTD
V = 0, f = 1 MHz
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
Open voltage
VOC
IF = 20 mA
7
8
V
Short current
ISC
IF = 20 mA
24
40
μA
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5×10
10
10
14
AC, 1 minute
2500
AC, 1 second in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 minute in oil
5000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
−on time
tON
0.2
ms
Turn
−off time
tOFF
IF = 20mA, CL = 1000 pF
(Fig.1)
3
ms
Fig. 1 Switching time test circuit
VOUT
IF
CL
VOUT
IF
0V
1V
5V
tON
tOFF


Similar Part No. - TLP191B_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP191B TOSHIBA-TLP191B Datasheet
161Kb / 4P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo-Diode Array
More results

Similar Description - TLP191B_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP191B TOSHIBA-TLP191B Datasheet
161Kb / 4P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo-Diode Array
TLP190B TOSHIBA-TLP190B_07 Datasheet
166Kb / 5P
   Photocoupler GaA?밃s Ired & Photo−Diode Array
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com