Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC21AFN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74HC21AFN
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC21AFN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HC21AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC21AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC21AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC21AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC21AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC21AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC21AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC21AFN Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74HC21AP/AF/AFN
2007-10-01
4
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
tpLH
tpHL
2.0
4.5
6.0
40
13
11
100
20
17
125
25
21
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
25
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2 (per gate)


Similar Part No. - TC74HC21AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC21AFN TOSHIBA-TC74HC21AFN Datasheet
230Kb / 6P
   DUAL 4-INPUT AND GATE
More results

Similar Description - TC74HC21AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC20AP TOSHIBA-TC74HC20AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input NAND Gate
TC7WH08FC TOSHIBA-TC7WH08FC Datasheet
149Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC7WG08FC TOSHIBA-TC7WG08FC Datasheet
177Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC74HC4002AP TOSHIBA-TC74HC4002AP_07 Datasheet
211Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input NOR Gate
TC74HC4072AP TOSHIBA-TC74HC4072AP_07 Datasheet
219Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input OR Gate
TC7WG08FU TOSHIBA-TC7WG08FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC7WH08FU TOSHIBA-TC7WH08FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT AND GATE
logo
KEC(Korea Electronics)
KIC7SZ08FU KEC-KIC7SZ08FU Datasheet
211Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7SH08FU KEC-KIC7SH08FU Datasheet
247Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com