Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC08AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC08AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC08AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC08AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC08AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC08AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC08AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC08AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC08AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC08AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC08AP_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74HC08AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC08AP,TC74HC08AF,TC74HC08AFN
Quad 2-Input AND Gate
The TC74HC08A is a high speed CMOS 2-INPUT AND GATE
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The internal circuit is composed of 2-stages including buffer
output, which provide high noise immunity and stable output.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 6 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS08
Pin Assignment
IEC Logic Symbol
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC08AP
TC74HC08AF
TC74HC08AFN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Similar Part No. - TC74HC08AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC08AP TOSHIBA-TC74HC08AP Datasheet
231Kb / 6P
   QUAD 2-INPUT AND GATE
More results

Similar Description - TC74HC08AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT08P TOSHIBA-TC74ACT08P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
logo
KEC(Korea Electronics)
KIC7SZ08FU KEC-KIC7SZ08FU Datasheet
211Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
logo
Toshiba Semiconductor
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
logo
KEC(Korea Electronics)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
logo
Toshiba Semiconductor
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC74AC02P TOSHIBA-TC74AC02P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74AC00P TOSHIBA-TC74AC00P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC74AC32FT TOSHIBA-TC74AC32FT_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
logo
KEC(Korea Electronics)
KIC7SH08FU KEC-KIC7SH08FU Datasheet
247Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com