Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74ACT540P Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74ACT540P
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT540P Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74ACT540P_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT540P_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT540P_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT540P_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT540P_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT540P_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT540P_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT540P_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT540P_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74ACT540,541P/F/FT
2007-10-01
5
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(Note 2)
tpLH
tpHL
5.0
± 0.5
5.0
8.3
1.0
9.5
ns
Propagation delay
time
(Note 3)
tpLH
tpHL
5.0
± 0.5
5.0
8.3
1.0
9.5
ns
Output enable time
tpZL
tpZH
5.0
± 0.5
7.3
11.4
1.0
13.0
ns
Output disable time
tpLZ
tpHZ
5.0
± 0.5
5.9
9.2
1.0
10.5
ns
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
TC74ACT540
24
Power dissipation
capacitance
CPD
(Note 1) TC74ACT541
27
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/8 (per bit)
Note 2: For TC74ACT540 only
Note 3: For TC74ACT541 only


Similar Part No. - TC74ACT540P_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT540P TOSHIBA-TC74ACT540P Datasheet
284Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74ACT540P_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240P TOSHIBA-TC74ACT240P_07 Datasheet
233Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74AC540P TOSHIBA-TC74AC540P_07 Datasheet
237Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com