Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT15J311 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # GT15J311
Description  HIGH POWER SWITCHING APPLICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT15J311 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  GT15J311_06 Datasheet HTML 1Page - Toshiba Semiconductor GT15J311_06 Datasheet HTML 2Page - Toshiba Semiconductor GT15J311_06 Datasheet HTML 3Page - Toshiba Semiconductor GT15J311_06 Datasheet HTML 4Page - Toshiba Semiconductor GT15J311_06 Datasheet HTML 5Page - Toshiba Semiconductor GT15J311_06 Datasheet HTML 6Page - Toshiba Semiconductor GT15J311_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GT15J311,GT15J311(SM)
2006-10-31
1
TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
GT15J311, GT15J311(SM)
HIGH POWER SWITCHING APPLICATIONS
MOTOR CONTROL APPLICATIONS
Third-generation IGBT
Enhancement mode type
High speed
: tf = 0.30μs (Max.) (IC = 15A)
Low saturation voltage
: VCE (sat) = 2.7V (Max.) (IC = 15A)
FRD included between emitter and collector
Absolute Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector−Emitter Voltage
VCES
600
V
Gate−Emitter Voltage
VGES
±20
V
DC
IC
15
A
Collector Current
1ms
ICP
30
A
Emitter−Collector
DC
IF
15
A
Forward Current
1ms
IFM
30
A
Collector Power Dissipation
(Tc = 25°C)
PC
70
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual reliability
data (i.e. reliability test report and estimated failure rate, etc).
Equivalent Circuit
Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10S1C
Weight: 1.5 g (typ.)
JEDEC
JEITA
TOSHIBA
2-10S2C
Weight: 1.4 g (typ.)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
15J311
Part No. (or abbreviation code)


Similar Part No. - GT15J311_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15J311 TOSHIBA-GT15J311 Datasheet
299Kb / 6P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J311 TOSHIBA-GT15J311 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - GT15J311_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT20J321 TOSHIBA-GT20J321 Datasheet
329Kb / 7P
   High Power Switching Applications Fast Switching Applications
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
   High Power Switching Applications Fast Switching Applications
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
   High Power Switching Applications Fast Switching Applications
2SD1415A TOSHIBA-2SD1415A_09 Datasheet
162Kb / 5P
   High-Power Switching Applications
MP4005 TOSHIBA-MP4005 Datasheet
208Kb / 8P
   High Power Switching Applications
2SB997 TOSHIBA-2SB997 Datasheet
239Kb / 3P
   HIGH POWER SWITCHING APPLICATIONS.
2SC2204 TOSHIBA-2SC2204 Datasheet
93Kb / 1P
   HIGH POWER SWITCHING APPLICATIONS.
2SC2444 TOSHIBA-2SC2444 Datasheet
86Kb / 1P
   HIGH POWER SWITCHING APPLICATIONS.
GT60M303-Q TOSHIBA-GT60M303-Q Datasheet
420Kb / 6P
   HIGH POWER SWITCHING APPLICATIONS
MIG50J901H TOSHIBA-MIG50J901H Datasheet
1Mb / 11P
   high Power Switching Applications
GT5J321 TOSHIBA-GT5J321 Datasheet
165Kb / 6P
   High Power Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com