Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT10J303 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # GT10J303
Description  SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT10J303 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  GT10J303_06 Datasheet HTML 1Page - Toshiba Semiconductor GT10J303_06 Datasheet HTML 2Page - Toshiba Semiconductor GT10J303_06 Datasheet HTML 3Page - Toshiba Semiconductor GT10J303_06 Datasheet HTML 4Page - Toshiba Semiconductor GT10J303_06 Datasheet HTML 5Page - Toshiba Semiconductor GT10J303_06 Datasheet HTML 6Page - Toshiba Semiconductor GT10J303_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GT10J303
2006-10-31
1
TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
GT10J303
HIGH POWER SWITCHING APPLICATIONS
MOTOR CONTROL APPLICATIONS
Third-generation IGBT
Enhancement mode type
High speed
: tf = 0.30μs (Max.) (IC = 10A)
Low saturation voltage
: VCE (sat) = 2.7V (Max.) (IC = 10A)
FRD included between emitter and collector
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector−Emitter Voltage
VCES
600
V
Gate-Emitter Voltage
VGES
±20
V
DC
IC
10
A
Collector Current
1ms
ICP
20
A
DC
IF
10
A
Emitter−Collector Forward
Current
1ms
IFM
20
A
Collector Power Dissipation
(Tc = 25°C)
PC
30
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
EQUIVALENT CIRCUIT
MARKING
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10R1C
Weight:
g (typ.)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
10J303
Part No. (or abbreviation code)


Similar Part No. - GT10J303_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT10J303 TOSHIBA-GT10J303 Datasheet
291Kb / 6P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT10J303 TOSHIBA-GT10J303 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - GT10J303_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15J331 TOSHIBA-GT15J331_06 Datasheet
222Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
GT15Q102 TOSHIBA-GT15Q102_06 Datasheet
189Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT20J321 TOSHIBA-GT20J321_06 Datasheet
197Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
GT10Q101 TOSHIBA-GT10Q101_06 Datasheet
179Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT15J321 TOSHIBA-GT15J321_06 Datasheet
195Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
GT50J325 TOSHIBA-GT50J325_06 Datasheet
198Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
GT20J301 TOSHIBA-GT20J301_06 Datasheet
491Kb / 7P
   SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS
GT25Q102 TOSHIBA-GT25Q102_06 Datasheet
186Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT15Q301 TOSHIBA-GT15Q301_06 Datasheet
493Kb / 7P
   SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS
GT30J324 TOSHIBA-GT30J324_06 Datasheet
190Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com