Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM300CBS060 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PM300CBS060
Description  Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (300 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM300CBS060 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PM300CBS060 Datasheet HTML 1Page - Powerex Power Semiconductors PM300CBS060 Datasheet HTML 2Page - Powerex Power Semiconductors PM300CBS060 Datasheet HTML 3Page - Powerex Power Semiconductors PM300CBS060 Datasheet HTML 4Page - Powerex Power Semiconductors PM300CBS060 Datasheet HTML 5Page - Powerex Power Semiconductors PM300CBS060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PM300CBS060
Intellimod™ Module
MAXISS Series™, Multi AXIS Servo IPM
300 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
0
12
14
13
16
15
17
18
0.5
0
1.0
1.5
2.0
COLLECTOR CURRENT, I
C, (AMPERES)
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
0
100
50
200
150
300
250
350
0.5
0
VD = 15V
1.0
1.5
2.0
Tj = 25°C
Tj = 125°C
CONTROL SUPPLY VOLTAGE, V
D, (VOLTS)
COLLECTOR-EMITTER
SATURATON VOLTAGE CHARACTERISTICS
(TYPICAL)
IC = 300A
Tj = 25°C
Tj = 125°C
COLLECTOR-EMITTER VOLTAGE, V
CE(sat), (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
0
0.5
1.0
1.5
2.0
150
0
Tj = 25
oC
250
350
300
200
100
50
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
101
101
102
103
100
10-1
101
100
10-1
102
101
100
10-1
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
V
CC = 300V
VD = 15V
Tj = 25°C
Tj = 125°C
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING LOSS
CHARACTERISTICS (TYPICAL)
Tj = 25°C
Tj = 125°C
COLLECTOR CURRENT, -I
C, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
100
103
10-1
10-2
Irr
trr
103
102
101
DIODE FORWARD VOLTAGE, V
EC, (VOLTS)
DIODE FORWARD CHARACTERISTICS
103
102
101
T
j = 25°C
T
j = 125°C
VD = 15V
0
1.0
2.0
1.5
0.5
2.5
CARRIER FREQUENCY, f
C, (kHz)
CIRCUIT CURRENT VS.
CARRIER FREQUENCY
010
520
15
25
40
20
0
VD = 15V
60
100
80
Tj = 25°C
VD = 17V
13
15
101
102
103
ton
toff
tc(on)
tc(off)
101
102
103
ESW(off)
101
102
ESW(on)
0
N-SIDE
P-SIDE
INDUCTIVE LOAD
VCC = 300V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VD = 15V
INDUCTIVE LOAD
V
CC = 300V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD


Similar Part No. - PM300CBS060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300CBS060 MITSUBISHI-PM300CBS060 Datasheet
123Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM300CBS060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM200CBS060 POWEREX-PM200CBS060 Datasheet
94Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (200 Amperes/600 Volts)
PM150CBS060 POWEREX-PM150CBS060 Datasheet
95Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (150 Amperes/600 Volts)
PM50CBS060 POWEREX-PM50CBS060 Datasheet
94Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (50 Amperes/600 Volts)
PM75CBS060 POWEREX-PM75CBS060 Datasheet
94Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (75 Amperes/600 Volts)
PM100CBS060 POWEREX-PM100CBS060 Datasheet
95Kb / 6P
   IntellimodModule MAXISS Series??Multi AXIS Servo IPM (100 Amperes/600 Volts)
PS11037 POWEREX-PS11037 Datasheet
89Kb / 6P
   Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PS11033 POWEREX-PS11033 Datasheet
82Kb / 6P
   Intellimod??Module Application Specific IPM (8 Amperes/600 Volts)
PM52AUBW060 POWEREX-PM52AUBW060 Datasheet
85Kb / 6P
   Intellimod Module Active Filter IPM 20 Amperes/600 Volts
PS11032 POWEREX-PS11032 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (4 Amperes/600 Volts)
PS11035 POWEREX-PS11035 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com