Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74ACT08FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74ACT08FT
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT08FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74ACT08FT Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT08FT Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT08FT Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT08FT Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT08FT Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT08FT Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT08FT Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT08FT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74ACT08P/F/FN/FT
2007-10-01
3
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 10
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
4.5
to
5.5
2.0
2.0
V
Low-level input
voltage
VIL
4.5
to
5.5
0.8
0.8
V
High-level output
voltage
VOH
VIN
= VIH
IOH = −50 μA
IOH = −24 mA
IOH = −75 mA (Note)
4.5
4.5
5.5
4.4
3.94
4.5
4.4
3.80
3.85
V
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 50 μA
IOL = 24 mA
IOL = 75 mA
(Note)
4.5
4.5
5.5
0.0
0.1
0.36
0.1
0.44
1.65
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA
Quiescent supply
current
IC
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.5
mA
Note:
This spec indicates the capability of driving 50 Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
tpLH
tpHL
5.0 ± 0.5
5.4
8.7
1.0
10.0
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
21
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/4 (per gate)


Similar Part No. - TC74ACT08FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT08FT TOSHIBA-TC74ACT08FT Datasheet
239Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT08FT TOSHIBA-TC74ACT08FT_12 Datasheet
215Kb / 7P
   Quad 2-Input AND Gate
More results

Similar Description - TC74ACT08FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC08AP TOSHIBA-TC74HC08AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
logo
KEC(Korea Electronics)
KIC7SZ08FU KEC-KIC7SZ08FU Datasheet
211Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
logo
Toshiba Semiconductor
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
logo
KEC(Korea Electronics)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
logo
Toshiba Semiconductor
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC74AC02P TOSHIBA-TC74AC02P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74AC00P TOSHIBA-TC74AC00P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC74AC32FT TOSHIBA-TC74AC32FT_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
logo
KEC(Korea Electronics)
KIC7SH08FU KEC-KIC7SH08FU Datasheet
247Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com