Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF5A6.8FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF5A6.8FU
Description  Product for Use Only as Protection against Electrostatic Discharge (ESD)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF5A6.8FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF5A6.8FU Datasheet HTML 1Page - Toshiba Semiconductor DF5A6.8FU Datasheet HTML 2Page - Toshiba Semiconductor DF5A6.8FU Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF5A6.8FU
2007-11-01
1
TOSHIBA Diodes for Protecting against ESD Epitaxial Planar Type
DF5A6.8FU
Product for Use Only as Protection against Electrostatic
Discharge (ESD)
* This product is for protection against electrostatic discharge (ESD) only
and is not intended for any other usage, including without limitation,
the constant voltage diode application.
The mounting of four devices on an ultra-compact package allows the
number of parts and the mounting cost to be reduced.
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Zener voltage
VZ
IZ = 5 mA
6.4
6.8
7.2
V
Dynamic impedance
ZZ
IZ = 5 mA
10
25
Knee dynamic impedance
ZZK
IZ = 0.5 mA
30
Reverse current
IR
VR = 5 V
0.5
μA
Terminal capacitance
(between Cathode and Anode)
CT
VR = 0, f = 1 MHz
45
pF
Guaranteed Level of ESD Immunity
Criterion: No damage to device elements
Unit: mm
JEDEC
JEITA
TOSHIBA
1-2V1B
Weight: 0.0062 g (typ.)
Test Condition
ESD Immunity Level
IEC61000-4-2
(Contact discharge)
±30kV


Similar Part No. - DF5A6.8FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF5A6.8F TOSHIBA-DF5A6.8F Datasheet
135Kb / 3P
   TOSHIBA Diodes for Protecting against ESD Epitaxial Planar Type
DF5A6.8F TOSHIBA-DF5A6.8F Datasheet
182Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF5A6.8F TOSHIBA-DF5A6.8F_07 Datasheet
182Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
More results

Similar Description - DF5A6.8FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF5A6.8LJE TOSHIBA-DF5A6.8LJE Datasheet
133Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF5A6.2FU TOSHIBA-DF5A6.2FU Datasheet
162Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S5.6FS TOSHIBA-DF2S5.6FS Datasheet
115Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A3.6FV TOSHIBA-DF3A3.6FV Datasheet
130Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6FU TOSHIBA-DF3A5.6FU Datasheet
154Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6LFE TOSHIBA-DF3A5.6LFE Datasheet
137Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2LFE TOSHIBA-DF3A6.2LFE Datasheet
144Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.8FV TOSHIBA-DF3A6.8FV Datasheet
144Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A8.2LFV TOSHIBA-DF3A8.2LFV Datasheet
131Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF2S12S TOSHIBA-DF2S12S Datasheet
161Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S16S TOSHIBA-DF2S16S Datasheet
139Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com