Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD54008STR-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD54008STR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008STR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD54008STR-E Datasheet HTML 5Page - STMicroelectronics PD54008STR-E Datasheet HTML 6Page - STMicroelectronics PD54008STR-E Datasheet HTML 7Page - STMicroelectronics PD54008STR-E Datasheet HTML 8Page - STMicroelectronics PD54008STR-E Datasheet HTML 9Page - STMicroelectronics PD54008STR-E Datasheet HTML 10Page - STMicroelectronics PD54008STR-E Datasheet HTML 11Page - STMicroelectronics PD54008STR-E Datasheet HTML 12Page - STMicroelectronics PD54008STR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PD54008-E, PD54008S-E
Typical performance
9/28
Figure 13.
Output power Vs.
gate bias voltage
Table 6.
IMD3 vs. Output Power (470MHz)
Figure 14.
Power gain Vs. output power
Table 7.
Return loss and efficiency Vs.
output power
0
0.5
1
1.5
2
2.5
3
3.5
VGS (V)
0
2
4
6
8
10
Pout (W )
VDD = 7.5 V
Pin = 0.6 W
480 MHz
500 MHz
520 MHz
0
1
23456
7
8
9
Pout (W)
-50
-45
-40
-35
-30
-25
-20
IMD3 (dB)
Freq =470 MHz
Idq= 400mA
Vdd= 9V
Vdd =7.5V
110
Pout (W )
16
17
18
19
20
21
22
Gp (dB)
Vdd= 7.5 V
Idq= 150 mA
250 MHz
200 MHz
175MHz
0
1
2345
6789
Pout (W)
-20
-15
-10
-5
0
5
10
IRL (dB)
10
20
30
40
50
60
70
Eff. (%)
Vdd = 7.5 V
Idq = 150 mA
250 MHz
175 MHz
200 MHz
250 MHz
175 MHz
200 MHz


Similar Part No. - PD54008STR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD54008STR-E STMICROELECTRONICS-PD54008STR-E Datasheet
822Kb / 29P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
More results

Similar Description - PD54008STR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com