Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCP-5453 Datasheet(PDF) 3 Page - Sensitron

Part # SCP-5453
Description  Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SCP-5453 Datasheet(HTML) 3 Page - Sensitron

  SCP-5453 Datasheet HTML 1Page - Sensitron SCP-5453 Datasheet HTML 2Page - Sensitron SCP-5453 Datasheet HTML 3Page - Sensitron SCP-5453 Datasheet HTML 4Page - Sensitron SCP-5453 Datasheet HTML 5Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• 221 West Industry Court • Deer Park, NY 11729-4681 • Phone (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SCP-5453
SENSITRON
TECHNICAL DATA
DATA SHEET 4138, REV. -
Electrical Characteristics (-55
oC to 125oC)
non-A limits in parentheses
P
PA
AR
RA
AM
ME
ET
TE
ER
R
S
SY
YM
MB
BO
OL
L
C
CO
ON
ND
DIIT
TIIO
ON
NS
S
M
MIIN
N
T
TY
YP
P
M
MA
AX
X
U
UN
NIIT
T
Input Offset Voltage
VOS
40(50)
200(300)
µV
Average Temperature Coefficient of
Input Offset Voltage
.25(.3)
1.5(2.0)
µV/oC
Input Offset Current
IOS
80(100)
350(500)
pA
Average Temperature Coefficient of
Input Offset Current
.5(.7)
2.5(3)
pA/
oC
Input Bias Current
IB
±100
(200)
±700
(1300)
pA
Average Temperature Coefficient of
Input Bias Current
1(2)
6(12)
pA/
oC
Large-Signal Voltage Gain
AVOL
VOUT = ±12V,
RL = 10k?
VOUT = ±10V,
RL = 2k?
150
100
1000
600
V/mV
V/mV
Common Mode Rejection Ratio
CMRR
VCM = ±13.5V
108(106)
128
dB
Power Supply Rejection Ratio
PSRR
VS = ±2.5V to ±18V
108(106)
128
dB
Input Voltage Range
±13.5
V
Output Voltage Swing
VOUT
RL = 10k?
±13
±14
V
Supply Current per Amplifier
IS
400
800(900)
µA
Matching Characteristics (-55
oC to 125oC)
non-A limits in parentheses
P
PA
AR
RA
AM
ME
ET
TE
ER
R
S
SY
YM
MB
BO
OL
L
C
CO
ON
ND
DIIT
TIIO
ON
NS
S
M
MIIN
N
T
TY
YP
P
M
MA
AX
X
U
UN
NIIT
T
Input Offset Voltage Match
50(70)
280(500)
µV
Input Offset Voltage Tracking
.3(.4)
2(3.5)
Average Noninverting Bias Current
IB+
±100
(200)
±800
(1400)
pA
Noninverting Offset Current
IOS+
80(150)
800(1500)
pA
Common Mode Rejection Ratio
Match
∆CMRR
VCM = ±13.5V
106(104)
128
dB
Power Supply Rejection Ratio Match
∆PSRR
VS = ±2.5V to 18V
106(104)
128
dB


Similar Part No. - SCP-5453

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCP-5-1 MINI-SCP-5-1 Datasheet
302Kb / 1P
   Power Splitter/Combiner
logo
Mean Well Enterprises C...
SCP-50 MEANWELL-SCP-50 Datasheet
398Kb / 3P
   50W Single Output Switching Power Supply
SCP-50 MEANWELL-SCP-50 Datasheet
389Kb / 3P
   50W Single Output Switching Power Supply
SCP-50-12 MEANWELL-SCP-50-12 Datasheet
398Kb / 3P
   50W Single Output Switching Power Supply
SCP-50-12 MEANWELL-SCP-50-12 Datasheet
389Kb / 3P
   50W Single Output Switching Power Supply
More results

Similar Description - SCP-5453

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1024 LINER-LT1024_15 Datasheet
180Kb / 12P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1024 LINER-LT1024_1 Datasheet
174Kb / 12P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1024 LINER-LT1024 Datasheet
719Kb / 8P
   Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1008 LINER-LT1008_1 Datasheet
275Kb / 16P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT012S8 LINER-LT012S8 Datasheet
164Kb / 3P
   Picoamp Input Current,Microvolt Offset,Low Noise Op Amp
LT1008 LINER-LT1008 Datasheet
946Kb / 12P
   Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
LT1012 LINER-LT1012_15 Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com