Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP2200 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP2200
Description  High Speed Line Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2200 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP2200_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP2200_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP2200_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP2200_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP2200_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP2200_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP2200_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP2200
2007-10-01
2
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Input current, on
IF(ON)
1.6
5
mA
Input current, off
IF(OFF)
0
0.1
mA
Supply voltage
VCC
4.5
20
V
Enable voltage high
VEH
2.0
20
V
Enable voltage low
VEL
0
0.8
V
Fan out (TTL load)
N
4
Operating temperature
Topr
0
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Absolute Maximum Ratings (no derating required up to 70°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
10
mA
Peak transient forward current
(Note 1)
IFPT
1
A
Reverse voltage
VR
5
V
Output current
IO
25
mA
Supply voltage
VCC
−0.5~20
V
Output voltage
VO
−0.5~20
V
Three state enable voltage
VE
−0.5~20
V
Total package power dissipation
(Note 2)
PT
210
mW
Operating temperature range
Topr
−40~85
°C
Storage temperature range
Tstg
−55~125
°C
Lead solder temperature (10s) (**)
Tsol
260
°C
Isolation voltage (AC 1min., R.H. ≤ 60%,Ta = 25°C)
(Note 3)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Pulse width 1μs 300pps.
(Note 2) Derate 4.5mW / °C above 70°C ambient temperature.
(Note 3) Device considered a two terminal device: Pins 1, 2, 3 and 4 shorted together, and pins 5,6,7 and 8 shorted
together
(**)
1.6mm below seating plane.


Similar Part No. - TLP2200_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
   isolated buss driver high speed line receiver
More results

Similar Description - TLP2200_07

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1015 LINER-LT1015 Datasheet
164Kb / 4P
   High Speed Dual Line Receiver
logo
ON Semiconductor
MC10216 ONSEMI-MC10216 Datasheet
104Kb / 5P
   High Speed Triple Line Receiver
1996 REV 5
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
logo
Texas Instruments
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
logo
ON Semiconductor
MC10216 ONSEMI-MC10216_02 Datasheet
109Kb / 8P
   High Speed Triple Line Receiver
January, 2002 ??Rev. 7
logo
Texas Instruments
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
Linear Technology
LT1015 LINER-LT1015_15 Datasheet
203Kb / 4P
   High Speed Dual Line Receiver
logo
Texas Instruments
SN65LVDS4 TI1-SN65LVDS4 Datasheet
456Kb / 20P
[Old version datasheet]   1.8-V HIGH-SPEED DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com