Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP2630 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP2630
Description  Analog Data Equipment Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2630 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP2630_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP2630
2007-10-01
4
Switching Characteristics (Ta =25°C , VCC=5V)
Characteristic
Symbol
Test
Cir
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time to
low output level
tpHL
1
IF = 0→7.5mA, RL = 350Ω
CL = 15pF (each channel)
60
75
ns
Propagation delay time to
high output level
tpLH
1
IF = 7.5mA→0, RL = 350Ω
CL = 15pF (each channel)
60
75
ns
Output rise a time,output
fall time(10~90%)
tr,tf
1
IF = 0
7.5mA, RL = 350Ω
CL = 15pF (each channel)
30
ns
Common mode transient
immunity at high output
level
CMH
2
IF = 0, RL = 350Ω
VCM = 200V
VO(min.) = 2V
(each channel, Note 4)
200
V / μs
Common mode transient
immunity at low output
level
CML
2
IF = 7.5mA, RL = 350Ω
VCM = 200V
VO(max.) = 0.8V
(each channel, Note 5)
−500
V / μs
(Note 1) 2mm below seating plane.
(Note 2) The VCC supply voltage to each TLP2630 isolator must be bypassed by a 0.01μF capacitor or
larger.This can be either a ceramic or solid tantalum capacitor with good high frequency characteristic
and should be connected as close as possible to the package VCC and GND pins each device.
(Note 3) Device considered a two
−terminal device: Pins 1, 2, 3 and 4 shorted together, and pins 5, 6, 7 and 8
shorted together.
(Note 4) CMH・the maximum tolerable rate of rise of the common mode voltage to ensure the output will
remain in the high state(i.e., VOUT > 2.0V)
(Note 5) CML・the maximum tolerable rate of fall of the common mode voltage to ensure the output will remain
in the low output state(i.e., VOUT > 0.8V)
Measured in volts per microsecond(V / μs).
(Note 6) Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.


Similar Part No. - TLP2630_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2630 TOSHIBA-TLP2630 Datasheet
195Kb / 8P
   Degital Logic Isolation Tele.Communication Analog Data Equipment Control Microprocessor System Interface
More results

Similar Description - TLP2630_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137F TOSHIBA-6N137F Datasheet
184Kb / 8P
   Degital Logic Isolation Tele-Communication Analog Data Equipment Control
TLP2630 TOSHIBA-TLP2630 Datasheet
195Kb / 8P
   Degital Logic Isolation Tele.Communication Analog Data Equipment Control Microprocessor System Interface
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
TLP173A TOSHIBA-TLP173A Datasheet
255Kb / 10P
   Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
logo
Dialog Semiconductor
SLG46110 DIALOG-SLG46110 Datasheet
837Kb / 82P
   Data Communications Equipment
logo
Toshiba Semiconductor
TLP3542 TOSHIBA-TLP3542 Datasheet
84Kb / 4P
   TESTERS DATA RECORDING EQUIPMENT MEASURING EQUIPMENT
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
   Measurement and Control Equipment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com