Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP2631 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP2631
Description  Isolated Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2631 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP2631_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP2631_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP2631_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP2631_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP2631_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP2631_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP2631_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP2631_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP2631
2007-10-01
6
IF – VF
Forward voltage VF (V)
100
0.01
1.0
2.0
0.1
1
10
1.2
1.4
1.6
1.8
Ta = 25 °C
ΔVF / ΔTa – IF
Forward current IF (mA)
−1.4
0.1
0.3
1
3
10
30
−1.6
−1.8
−2.0
−2.2
−2.4
−2.6
50
VO – IF
Forward current IF (mA)
8
6
4
2
0
0
1
2
34
5
6
VCC = 5 V
Ta = 25 °C
RL = 350Ω
1kΩ
4kΩ
IOH – Ta
Ambient temperature Ta (°C)
1
0
3
5
10
30
50
100
10
20
30
40
50
60
70
IF = 250 μA
VCC = 5.5 V
VO = 5.5 V
VO – IF
Forward current IF (mA)
8
6
4
2
0
0
1
2
34
5
6
10
Ta = 70°C
0°C
VCC = 5 V
RL = 350Ω
RL = 4kΩ
VOL – Ta
Ambient temperature Ta (°C)
0.2
0
80
20
40
60
0.3
0.4
0.5
IF = 5 mA
VCC = 5.5 V
VE = 2 V
IOL=16mA
12.8mA
6.4mA
9.6mA


Similar Part No. - TLP2631_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2631 TOSHIBA-TLP2631 Datasheet
374Kb / 8P
   ISOLATED LINE RECEIVER SIMPLEX/MULTIPLEX DATA TRANSMISSON
More results

Similar Description - TLP2631_07

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7601 AVAGO-HCPL-7601 Datasheet
184Kb / 13P
   Isolated line receiver
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission
TLP2631 TOSHIBA-TLP2631 Datasheet
374Kb / 8P
   ISOLATED LINE RECEIVER SIMPLEX/MULTIPLEX DATA TRANSMISSON
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
   isolated buss driver high speed line receiver
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com