Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74AC138F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74AC138F
Description  CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC138F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74AC138F Datasheet HTML 1Page - Toshiba Semiconductor TC74AC138F Datasheet HTML 2Page - Toshiba Semiconductor TC74AC138F Datasheet HTML 3Page - Toshiba Semiconductor TC74AC138F Datasheet HTML 4Page - Toshiba Semiconductor TC74AC138F Datasheet HTML 5Page - Toshiba Semiconductor TC74AC138F Datasheet HTML 6Page - Toshiba Semiconductor TC74AC138F Datasheet HTML 7Page - Toshiba Semiconductor TC74AC138F Datasheet HTML 8Page - Toshiba Semiconductor TC74AC138F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74AC138P/F/FN/FT
2007-10-01
3
Logic Diagram
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±50
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±200
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP/TSSOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta = −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be
applied up to 300 mW.
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
A
B
C
1
2
3
4
5
6
Select
inputs
Enable
inputs
A
2
G
B
2
G
G1
15
Data
outputs
14
1
Y
13
2
Y
12
11
4
Y
10
9
7
7
Y
0
Y
3
Y
5
Y
6
Y


Similar Part No. - TC74AC138F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC138F TOSHIBA-TC74AC138F Datasheet
285Kb / 7P
   3-TO-8 LINE DECODER
TC74AC138FN TOSHIBA-TC74AC138FN Datasheet
285Kb / 7P
   3-TO-8 LINE DECODER
TC74AC138FT TOSHIBA-TC74AC138FT Datasheet
285Kb / 7P
   3-TO-8 LINE DECODER
TC74AC138FT TOSHIBA-TC74AC138FT_12 Datasheet
231Kb / 9P
   3-to-8 Line Decoder
TC74AC138F TOSHIBA-TC74AC138F_12 Datasheet
231Kb / 9P
   3-to-8 Line Decoder
More results

Similar Description - TC74AC138F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT138FT TOSHIBA-TC74ACT138FT_07 Datasheet
274Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P_07 Datasheet
270Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74ACT139FN TOSHIBA-TC74ACT139FN_07 Datasheet
269Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74HC4028AP TOSHIBA-TC74HC4028AP_07 Datasheet
275Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic BCD-to-Decimal Decoder
TC74HC42AP TOSHIBA-TC74HC42AP_07 Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic BCD to Decimal Decoder
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC7WU04F TOSHIBA-TC7WU04F_01 Datasheet
243Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 3 INVERTER
logo
KEC(Korea Electronics)
KIC7WU04FK KEC-KIC7WU04FK Datasheet
266Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(3 INVERTER)
KIC7W04FK KEC-KIC7W04FK Datasheet
293Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(3 INVERTERS)
logo
Toshiba Semiconductor
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com