Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP3130 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP3130
Description  MEASUREMENT INSTRUMENTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3130 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP3130_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP3130_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP3130_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP3130_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP3130_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP3130_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP3130
2007-10-01
5
tON,tOFF ─ I F
tON,tOFF ─ Ta
110
100
330
1
10
100
1000
3
30
30
300
-20
0
20
40
60
80
100
0
50
100
150
200
250
Forward current I F (mA)
Ambient temperature Ta (
°C)
I OFF ─ VOFF
C OFF ─ VOFF
0
5
10
15
20
5
10
15
010
20
30
0.2
0.4
0.6
0.8
1
Off-state output voltage VOFF (V)
Off-state output voltage VOFF (V)
Ta = 25 ℃
VDD = 10 V, RL = 200 Ω
VDD = 10 V, RL = 200 Ω
I F = 10 mA
t OFF
t ON
t OFF
t ON
Ta = 25 ℃
Ta = 25
°C


Similar Part No. - TLP3130_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
More results

Similar Description - TLP3130_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
   MEASUREMENT INSTRUMENTS
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
   Measurement Instruments
TLP3131 TOSHIBA-TLP3131_07 Datasheet
176Kb / 6P
   MEASUREMENT INSTRUMENTS
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Measurement Instruments Power Line Control
logo
List of Unclassifed Man...
T401 ETC1-T401 Datasheet
703Kb / 26P
   Frequency Measurement and Switching Instruments
logo
DB Lectro Inc
10D-1T DBLECTRO-10D-1T Datasheet
601Kb / 2P
   ideal for ATE and measurement instruments.
logo
Toshiba Semiconductor
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com