Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PM150DSA120 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part No. PM150DSA120
Description  Intellimod™ Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

   
 5 page
background image
657
PM150DSA120
Intellimod™ Module
Single Phase IGBT Inverter Output
150 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
0
1
2
3
4
5
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
00
40
240
80
120
200
VD = 15V
Tj = 25
oC
Tj = 125
oC
160
0
1
2
3
4
5
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
IC = 150A
Tj = 25
oC
Tj = 125
oC
6
01
2
0
40
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
35
80
120
160
200
240
4
Tj = 25
oC
VD = 17V
13
15
101
102
103
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
101
102
103
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(on)
100
101
tc(off)
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
101
102
103
10-2
EMITTER CURRENT, IE, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
10-1
100
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
101
102
103
trr
Irr
00
1.0
2.5
100
DIODE FORWARD VOLTAGE, VF, (VOLTS)
DIODE FORWARD CHARACTERISTICS
101
103
0.5
1.5
2.0
Tj = 25
oC
Tj = 125
oC
102
3.0
3.5
40
60
80
100
120
OVER CURRENT TRIP LEVEL VS.
SUPPLY VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
0
T
C = 25
oC
60
80
100
120
140
OVER CURRENT TRIP LEVEL VS.
TEMPERATURE (TYPICAL)
JUNCTION TEMPERATURE, TC, (
oC)
0
40
80
120
VD = 15V
0
160




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PM150CVA120Intellimod™ Module Three Phase IGBT Inverter Output 150 Amperes/1200 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
PM150RSA060Intellimod™ Module Three Phase Brake IGBT Inverter Output 150 Amperes/600 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
PM300DSA060Intellimod™ Module Single Phase IGBT Inverter Output 300 Amperes/600 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
PM150RSD060Intellimod™ Module Three Phase Brake IGBT Inverter Output 150 Amperes/600 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
PM300DSA120Intellimod™ Module Single Phase IGBT Inverter Output 300 Amperes/1200 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
PM600DSA060Intellimod™ Module Single Phase IGBT Inverter Output 600 Amperes/600 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
PM150RSD120Intellimod™ Module Three Phase Brake IGBT Inverter Output 150 Amperes/1200 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
PM300DVA120Intellimod™ Module Single Phase IGBT Inverter Output 300 Amperes/1200 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
PM600DVA060Intellimod™ Module Single Phase IGBT Inverter Output 600 Amperes/600 Volts 1 2 3 4 Powerex Power Semiconductors
PM200DSA060Intellimod™ Module Single Phase IGBT Inverter Output 200 Amperes/600 Volts 1 2 3 4 5 MorePowerex Power Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl