Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7WZU04FK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7WZU04FK
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZU04FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7WZU04FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WZU04FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WZU04FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WZU04FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WZU04FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WZU04FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WZU04FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7WZU04FU/FK
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65~
2.7
0.85
× VCC
0.85
× VCC
High level
VIH
3.0~5.5
0.8
× VCC
0.8
× VCC
1.65~
2.7
0.15
× VCC
0.15
× VCC
Input
voltage
Low level
VIL
3.0~5.5
0.2
× VCC
0.2
× VCC
V
1.65
1.45
1.64
1.45
2.3
2.1
2.29
2.1
3.0
2.7
2.99
2.7
VIN = VIL IOH = −100 μA
4.5
4.0
4.48
4.0
IOH = −2 mA
1.65
1.29
1.52
1.29
IOH = −4 mA
2.3
1.9
2.19
1.9
IOH = −8 mA
3.0
2.4
2.82
2.4
IOH = −12 mA
3.0
2.3
2.73
2.3
High level
VOH
VIN=GND
IOH = −16 mA
4.5
3.8
4.24
3.8
1.65
0.01
0.2
0.2
2.3
0.01
0.2
0.2
3.0
0.01
0.3
0.3
VIN = VIH IOL = 100 μA
4.5
0.01
0.5
0.5
IOL = 2 mA
1.65
0.08
0.24
0.24
IOL = 4 mA
2.3
0.12
0.3
0.3
IOL = 8 mA
3.0
0.19
0.4
0.4
IOL = 12 mA
3.0
0.29
0.55
0.55
Output
voltage
Low level
VOL
VIN=VCC
IOL = 16 mA
4.5
0.29
0.55
0.55
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±1
±10
μA
Quiescent supply current
ICC
VIN = 5.5 V or GND
1.65~5.5
1
10
μA


Similar Part No. - TC7WZU04FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WZ00FK TOSHIBA-TC7WZ00FK Datasheet
141Kb / 7P
   2 Input Nand Gate
TC7WZ00FK TOSHIBA-TC7WZ00FK_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ00FU TOSHIBA-TC7WZ00FU Datasheet
141Kb / 7P
   2 Input Nand Gate
TC7WZ00FU TOSHIBA-TC7WZ00FU_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ02FK TOSHIBA-TC7WZ02FK Datasheet
194Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NOR Gate
More results

Similar Description - TC7WZU04FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WGU04FU TOSHIBA-TC7WGU04FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7WGU04FC TOSHIBA-TC7WGU04FC Datasheet
175Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
logo
KEC(Korea Electronics)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FU TOSHIBA-TC7WH04FU_07 Datasheet
190Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
logo
KEC(Korea Electronics)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WH04FC TOSHIBA-TC7WH04FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com