Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7WZ02FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7WZ02FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ02FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7WZ02FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ02FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ02FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ02FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ02FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ02FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ02FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7WZ02FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ02FU,TC7WZ02FK
Dual 2 Input NOR Gate
Features
• High output drive: ±24 mA (min) at VCC = 3 V
• Super high speed operation: tpd = 2.4 ns (typ.)
at VCC = 5 V, 50 pF
• Operation voltage range: VCC (opr) = 1.65~5.5 V
• 5.5-V tolerant inputs
• 5.5-V power down protection outputs
• Matches the performance of TC74LCX series when operated at
3.3-V VCC
Marking
Absolute Maximum Ratings (Ta = 25°C)
Pin Assignment (top view)
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
TC7WZ02FU
TC7WZ02FK
Weight
SSOP8-P-0.65
: 0.02 g (typ.)
SSOP8-P-0.50A
: 0.01 g (typ.)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~6
V
DC input voltage
VIN
−0.5~6
V
DC output voltage
VOUT
−0.5~6
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
300 (SM8)
200 (US8)
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10s)
TL
260
°C
SM8
US8
Type name
Z 02
Lot No.
WZ
02
(SM8)
(US8)
VCC
2B
2A
1A
GND
1B
1
2
3
4
2Y
1Y
8
7
6
5


Similar Part No. - TC7WZ02FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WZ00FK TOSHIBA-TC7WZ00FK Datasheet
141Kb / 7P
   2 Input Nand Gate
TC7WZ00FK TOSHIBA-TC7WZ00FK_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ00FU TOSHIBA-TC7WZ00FU Datasheet
141Kb / 7P
   2 Input Nand Gate
TC7WZ00FU TOSHIBA-TC7WZ00FU_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ04FK TOSHIBA-TC7WZ04FK Datasheet
146Kb / 7P
   Triple Inverter
More results

Similar Description - TC7WZ02FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WG02FU TOSHIBA-TC7WG02FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WH02FC TOSHIBA-TC7WH02FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WG02FC TOSHIBA-TC7WG02FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
logo
KEC(Korea Electronics)
KIC7S02FU KEC-KIC7S02FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7SZ02FU KEC-KIC7SZ02FU Datasheet
209Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
logo
Toshiba Semiconductor
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74AC02P TOSHIBA-TC74AC02P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74HC02AP TOSHIBA-TC74HC02AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74HC4002AP TOSHIBA-TC74HC4002AP_07 Datasheet
211Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com