Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7WPB306FC Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7WPB306FC
Description  CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WPB306FC Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7WPB306FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 5Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 6Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 7Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 8Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TC7WPB306,307FC/FK
2007-10-19
3
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
VL
−0.5 to 7.0
Power supply voltage
VH
−0.5 to 7.0
V
Control input voltage
(OE (306)/
OE (307))
VIN
−0.5 to 7.0
V
Switch input/output voltage
VS
−0.5 to 7.0
V
Clump diode current
IIK
−50
mA
Switch input/output current
IS
128
mA
IVL
±25
DC VCC/ground current per supply pin
IVH
±25
mA
Power dissipation
PD
150 (CSON8)
200 (SSOP8)
mW
Storage temperature
Tstg
−65 to 150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
VL
1.65 to 5.0
Power supply voltage
(Note 2)
VH
2.3 to 5.5
V
Control input voltage
VIN
0 to 5.5
V
Switch input/output voltage
VS
0 to 5.5
V
Operating temperature
Topr
−40 to 85
°C
Control input rise and fall times
dt/dv
0 to 10
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Note 2: The voltage difference between the VL and the VH must be 0.5 V or greater. (VL
< VH)


Similar Part No. - TC7WPB306FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WPB8306L8X TOSHIBA-TC7WPB8306L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
TC7WPB8307L8X TOSHIBA-TC7WPB8307L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB9306FK TOSHIBA-TC7WPB9306FK Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB9307FC TOSHIBA-TC7WPB9307FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
More results

Similar Description - TC7WPB306FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WP3125FK TOSHIBA-TC7WP3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WBL126AFK TOSHIBA-TC7WBL126AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WBL125AFK TOSHIBA-TC7WBL125AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WZ245FU TOSHIBA-TC7WZ245FU Datasheet
169Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com