Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZ86FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SZ86FU
Description  EXCLUSIVE OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ86FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ86FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7SZ86F/FU
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ86F,TC7SZ86FU
EXCLUSIVE OR Gate
Features
• High output drive: ±24 mA (min) at VCC = 3 V
• Super high speed operation: tpd=2.9 ns (typ.)
at VCC = 5 V, 50 pF
• Operation voltage range: VCC (opr) = 1.8~5.5 V
• 5.5-V tolerant inputs
• 5.5-V power down protection output
• Matches the performance of TC74LCX series when operated at
3.3- V VCC
Marking
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~6
V
DC input voltage
VIN
−0.5~6
V
DC output voltage
VOUT
−0.5~6
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
TC7SZ86F
TC7SZ86FU
Weight
SSOP5-P-0.95
: 0.016 g (typ.)
SSOP5-P-0.65A
: 0.006 g (typ.)
Type name
J 8
Pin Assignment (top view)
IN B
IN A
GND
1
2
3
5
4
VCC
OUT Y


Similar Part No. - TC7SZ86FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ86FU TOSHIBA-TC7SZ86FU Datasheet
174Kb / 7P
   2-Input EXCLUSIVE OR Gate
More results

Similar Description - TC7SZ86FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET86F TOSHIBA-TC7SET86F Datasheet
171Kb / 5P
   EXCLUSIVE OR GATE
TC7S86F TOSHIBA-TC7S86F Datasheet
201Kb / 5P
   EXCLUSIVE OR GATE
TC7SG86FU TOSHIBA-TC7SG86FU Datasheet
152Kb / 6P
   EXCLUSIVE OR Gate
TC7SH86FE TOSHIBA-TC7SH86FE Datasheet
149Kb / 5P
   Exclusive OR Gate
TC7SG86AFS TOSHIBA-TC7SG86AFS Datasheet
176Kb / 6P
   EXCLUSIVE OR GATE
TC7SG86FE TOSHIBA-TC7SG86FE Datasheet
147Kb / 6P
   EXCLUSIVE OR Gate
TC7SH86FS TOSHIBA-TC7SH86FS Datasheet
175Kb / 6P
   EXCLUSIVE OR GATE
TC4S30F TOSHIBA-TC4S30F_01 Datasheet
193Kb / 5P
   EXCLUSIVE-OR GATE
TC4S30F TOSHIBA-TC4S30F Datasheet
171Kb / 4P
   EXCLUSIVE-OR GATE
TC7SH86F TOSHIBA-TC7SH86F Datasheet
198Kb / 5P
   EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com