Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZ08F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SZ08F
Description  2 Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ08F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ08F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ08F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ08F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ08F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ08F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ08F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ08F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7SZ08F/FU
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min.
Max.
Unit
1.8
VCC
× 0.88
VCC
× 0.88
High-level
input voltage
VIH
2.3~5.5
VCC
× 0.75
VCC
× 0.75
1.8
VCC
× 0.12
VCC
× 0.12
Low-level
input voltage
VIL
2.3~5.5
VCC
× 0.25
VCC
× 0.25
V
1.8
1.7
1.8
1.7
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = −100 μA
4.5
4.4
4.5
4.4
IOH = −8 mA
2.3
1.9
2.15
1.9
IOH = −16 mA
3.0
2.4
2.8
2.4
IOH = −24 mA
3.0
2.3
2.68
2.3
High-level
output voltage
VOH
VIN = VIH
IOH = −32 mA
4.5
3.8
4.2
3.8
1.8
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Low-level
output voltage
VOL
VIN = VIH
or VIL
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±1
±10
μA
Power off leakage current
IOFF
VIN or VOUT = 5.5 V
0.0
1
10
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2
20
μA


Similar Part No. - TC7SZ08F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ08F TOSHIBA-TC7SZ08F Datasheet
162Kb / 5P
   2 INPUT AND GATE
TC7SZ08F TOSHIBA-TC7SZ08F Datasheet
175Kb / 7P
   2-Input AND Gate
TC7SZ08FE TOSHIBA-TC7SZ08FE Datasheet
139Kb / 6P
   2-Input AND Gate
TC7SZ08FU TOSHIBA-TC7SZ08FU Datasheet
162Kb / 5P
   2 INPUT AND GATE
TC7SZ08FU TOSHIBA-TC7SZ08FU Datasheet
175Kb / 7P
   2-Input AND Gate
More results

Similar Description - TC7SZ08F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com