Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLWJ1100 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLWJ1100
Description  Panel Circuit Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWJ1100 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLWJ1100 Datasheet HTML 1Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 2Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 3Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 4Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 5Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 6Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 7Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 8Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLWJ1100(T11)
2007-10-01
5
Packaging
These LED devices are packed in an aluminum envelope with a silica gel and a moisture indicator to avoid
moisture absorption. The optical characteristics of the devices may be affected by exposure to moisture in the air
before soldering and they should therefore be stored under the following conditions:
1. This moisture proof bag may be stored unopened within 12 months at the following conditions.
Temperature: 5
°C~30°C
Humidity: 90% (max)
2. After opening the moisture proof bag, the devices should be assembled within 168 hours in an environment of
5°C to 30°C/60% RH or below.
3. If upon opening, the moisture indicator card shows humidity 30% or above (Color of indication changes to
pink) or the expiration date has passed, the devices should be baked in taping with reel.
After baking, use the baked devices within 72 hours, but perform baking only once.
Baking conditions: 60
±5°C, for 12 to 24 hours.
Expiration date: 12 months from sealing date, which is imprinted on the same side as this label affixed.
4. Repeated baking can cause the peeling strength of the taping to change, then leads to trouble in mounting.
Furthermore, prevent the devices from being destructed against static electricity for baking of it.
5. If the packing material of laminate would be broken, the hermeticity would deteriorate. Therefore, do not
throw or drop the packed devices.
Mounting Method
Soldering
• Reflow soldering
• The product is evaluated using above reflow soldering conditions. No additional test is performed exceed the
condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under
the above conditions.
• Please perform the first reflow soldering with reference to the above temperature profile and within 168 h of
opening the package.
• Second reflow soldering
In case of second reflow soldering should be performed within 168 h of the first reflow under the above
conditions.
Storage conditions before the second reflow soldering: 30
°C, 60% RH (max)
• Make any necessary soldering corrections manually.
(only once at each soldering point)
Soldering iron
: 25 W
Temperature
: 300
°C or less
Time
: within 3 s
• If the product needs to be performed by other soldering method (ex. wave soldering), please contact Toshiba
sales representative.
Recommended soldering pattern
1.65
1.15
2.41
Unit: mm
1.65
(*)
60~120 s max
10 s max
240
°C max
4
°C/s max
140~160
°C max
4
°C/s max
Time (s)
Temperature profile (example)
(*)
(*)
(*)
(*)
(*)


Similar Part No. - TLWJ1100

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TLW-106-06-G-S SAMTEC-TLW-106-06-G-S Datasheet
1Mb / 1P
   LOW PROFILE .025" SQ POST HEADERS
logo
Texas Instruments
TLW.8600 TI-TLW.8600 Datasheet
191Kb / 7P
[Old version datasheet]   clear, non diffused LED
logo
Toshiba Semiconductor
TLWA1100 TOSHIBA-TLWA1100 Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLWA1100T11 TOSHIBA-TLWA1100T11 Datasheet
271Kb / 8P
   Panel Circuit Indicator
logo
Vishay Siliconix
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
More results

Similar Description - TLWJ1100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com