Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3318E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3318E
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3318E Datasheet(HTML) 2 Page - Texas Instruments

  TRS3318E Datasheet HTML 1Page - Texas Instruments TRS3318E Datasheet HTML 2Page - Texas Instruments TRS3318E Datasheet HTML 3Page - Texas Instruments TRS3318E Datasheet HTML 4Page - Texas Instruments TRS3318E Datasheet HTML 5Page - Texas Instruments TRS3318E Datasheet HTML 6Page - Texas Instruments TRS3318E Datasheet HTML 7Page - Texas Instruments TRS3318E Datasheet HTML 8Page - Texas Instruments TRS3318E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
ABC
TRS3318E
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH
±15-kV ESD PROTECTION
SLLS805 – APRIL 2007
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 70
TRS3318ECDB
SSOP – DB
RV318EC
Reel of 2000
TRS3318ECDBR
0
°C to 70°C
Tube of 70
TRS3318ECPW
TSSOP – PW
RV318EC
Reel of 2000
TRS3318ECPWR
Tube of 70
TRS3318EIDB
SSOP – DB
RV318EI
Reel of 2000
TRS3318EIDBR
–40
°C to 85°C
Tube of 70
TRS3318EIPW
TSSOP – PW
RV318EI
Reel of 2000
TRS3318EIPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
DETAILED DESCRIPTION
Flexible control options for power management are featured when the serial port and driver inputs are inactive.
The auto-powerdown plus feature functions when FORCEON is low and FORCEOFF is high. During this mode
of operation, if the device does not sense valid signal transitions on all receiver and driver inputs for
approximately 30 s, the built-in charge pump and drivers are powered down, reducing the supply current to
1
µA. By disconnecting the serial port or placing the peripheral drivers off, auto-powerdown plus can be disabled
when FORCEON and FORCEOFF are high. With auto-powerdown plus enabled, the device activates
automatically when a valid signal is applied to any receiver or driver input. INVALID is high (valid data) if any
receiver input voltage is greater than 2.7 V or less than –2.7 V, or has been between –0.3 V and 0.3 V for less
than 30
µs (typical number). INVALID is low (invalid data) if all receiver input voltage are between –0.3 V and
0.3 V for more than 30
µs (typical number).
2
Submit Documentation Feedback


Similar Part No. - TRS3318E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318E TI-TRS3318E Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318ECDB TI-TRS3318ECDB Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318ECDBG4 TI-TRS3318ECDBG4 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318ECDBR TI-TRS3318ECDBR Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318ECDBRG4 TI-TRS3318ECDBRG4 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS3318E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318 TI-MAX3318 Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E_1 Datasheet
356Kb / 20P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com