Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5219-3.1BM5 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5219-3.1BM5
Description  500mA-Peak Output LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219-3.1BM5 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5219-3.1BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5219-3.1BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5219-3.1BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5219-3.1BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5219-3.1BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5219-3.1BM5 Datasheet HTML 10Page - Micrel Semiconductor MIC5219-3.1BM5 Datasheet HTML 11Page - Micrel Semiconductor MIC5219-3.1BM5 Datasheet HTML 12Page - Micrel Semiconductor MIC5219-3.1BM5 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
April 2001
9
MIC5219
MIC5219
Micrel
Applications Information
The MIC5219 is designed for 150mA to 200mA output current
applications where a high current spike (500mA) is needed
for short, startup conditions. Basic application of the device
will be discussed initially followed by a more detailed discus-
sion of higher current applications.
Enable/Shutdown
Forcing EN (enable/shutdown) high (> 2V) enables the regu-
lator. EN is compatible with CMOS logic. If the enable/
shutdown feature is not required, connect EN to IN (supply
input). See Figure 5.
Input Capacitor
A 1
µF capacitor should be placed from IN to GND if there is
more than 10 inches of wire between the input and the ac filter
capacitor or if a battery is used as the input.
Output Capacitor
An output capacitor is required between OUT and GND to
prevent oscillation. The minimum size of the output capacitor
is dependent upon whether a reference bypass capacitor is
used. 1
µF minimum is recommended when C
BYP is not used
(see Figure 5). 2.2
µF minimum is recommended when C
BYP
is 470pF (see Figure 6). For applications <3V, the output
capacitor should be increased to 22
µF minimum to reduce
start-up overshoot. Larger values improve the regulator’s
transient response. The output capacitor value may be in-
creased without limit.
The output capacitor should have an ESR (equivalent series
resistance) of about 5
Ω or less and a resonant frequency
above 1MHz. Ultra-low-ESR capacitors could cause oscilla-
tion and/or underdamped transient response. Most tantalum
or aluminum electrolytic capacitors are adequate; film types
will work, but are more expensive. Many aluminum electrolyt-
ics have electrolytes that freeze at about –30
°C, so solid
tantalums are recommended for operation below –25
°C.
At lower values of output current, less output capacitance is
needed for stability. The capacitor can be reduced to 0.47
µF
for current below 10mA or 0.33
µF for currents below 1mA.
No-Load Stability
The MIC5219 will remain stable and in regulation with no load
(other than the internal voltage divider) unlike many other
voltage regulators. This is especially important in CMOS
RAM keep-alive applications.
Reference Bypass Capacitor
BYP is connected to the internal voltage reference. A 470pF
capacitor (C
BYP) connected from BYP to GND quiets this
reference, providing a significant reduction in output noise
(ultra-low-noise performance). C
BYP reduces the regulator
phase margin; when using C
BYP, output capacitors of 2.2µF
or greater are generally required to maintain stability.
The start-up speed of the MIC5219 is inversely proportional
to the size of the reference bypass capacitor. Applications
requiring a slow ramp-up of output voltage should consider
larger values of C
BYP. Likewise, if rapid turn-on is necessary,
consider omitting C
BYP.
Thermal Considerations
The MIC5219 is designed to provide 200mA of continuous
current in two very small profile packages. Maximum power
dissipation can be calculated based on the output current and
the voltage drop across the part. To determine the maximum
power dissipation of the package, use the thermal resistance,
junction-to-ambient, of the device and the following basic
equation.
P
=
T
– T
D(max)
J(max)
A
JA
()
θ
T
J(MAX) is the maximum junction temperature of the die,
125
°C, and T
A is the ambient operating temperature. θJA is
layout dependent; table 1 shows examples of thermal resis-
tance, junction-to-ambient, for the MIC5219.
Package
θθθθθ
JA Recommended
θθθθθ
JA 1" Square
θθθθθ
JC
Minimum Footprint
2 oz. Copper
MM8™ (MM)
160
°C/W
70
°C/W
30
°C/W
SOT-23-5 (M5)
220
°C/W
170
°C/W
130
°C/W
Table 1. MIC5219 Thermal Resistance
The actual power dissipation of the regulator circuit can be
determined using one simple equation.
P
D = (VIN – VOUT) IOUT + VIN IGND
Substituting P
D(MAX) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For
example, if we are operating the MIC5219-3.3BM5 at room
temperature, with a minimum footprint layout, we can deter-
mine the maximum input voltage for a set output current.
P
=
125 C – 25 C
C/W
D(max)
°°
()
°
220
P
D(max) = 455mW
The thermal resistance, junction-to-ambient, for the mini-
mum footprint is 220
°C/W, taken from table 1. The maximum
power dissipation number cannot be exceeded for proper
operation of the device. Using the output voltage of 3.3V, and
an output current of 150mA, we can determine the maximum
input voltage. Ground current, maximum of 3mA for 150mA
of output current, can be taken from the Electrical Character-
istics section of the data sheet.
455mW = (V
IN – 3.3V) × 150mA + VIN × 3mA
455mW = (150mA)
× V
IN + 3mA × VIN – 495mW
950mW = 153mA
× V
IN
V
IN = 6.2VMAX
Therefore, a 3.3V application at 150mA of output current can
accept a maximum input voltage of 6.2V in a SOT-23-5
package. For a full discussion of heat sinking and thermal
effects on voltage regulators, refer to the Regulator Thermals
section of Micrel’s
Designing with Low-Dropout Voltage Regu-
lators handbook.


Similar Part No. - MIC5219-3.1BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219-3.1BM5 MICREL-MIC5219-3.1BM5 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
More results

Similar Description - MIC5219-3.1BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com