Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRH01 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CRH01
Description  Switching Mode Power Supply Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRH01 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CRH01_06 Datasheet HTML 1Page - Toshiba Semiconductor CRH01_06 Datasheet HTML 2Page - Toshiba Semiconductor CRH01_06 Datasheet HTML 3Page - Toshiba Semiconductor CRH01_06 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CRH01
2006-11-08
1
TOSHIBA High Efficiency Rectifier Silicon Epitaxial Type
CRH01
Switching Mode Power Supply Applications
• Repetitive peak reverse voltage: VRRM = 200 V
• Average forward current: IF (AV) = 1.0 A
• Low forward voltage: VFM = 0.98 V (Max.)
• Very Fast Reverse-Recovery Time: trr = 35 ns (Max.)
• Suitable for compact assembly due to small surface-mount package
“S−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
200
V
Average forward current
IF(AV)
1.0
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
15 (50 Hz)
A
Junction temperature
Tj
−40~150
°C
Storage temperature range
Tstg
−40~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 0.1 A
0.71
VFM (2)
IFM = 0.7 A
0.86
Peak forward voltage
VFM (3)
IFM = 1.0 A
0.90
0.98
V
Repetitive peak reverse current
IRRM
VRRM = 200 V
10
μA
Reverse recovery time
trr
IF = 1 A, di/dt = −30 A/μs
35
ns
Forward recovery time
tfr
IF = 1 A
100
ns
Device mounted on a ceramic board
(soldering land: 2 mm
× 2 mm)
65
Thermal resistance
Rth (j-a)
Device mounted on a glass-epoxy board
(soldering land: 6 mm
× 6 mm)
130
°C/W
Unit: mm
JEDEC
JEITA
TOSHIBA
3-2A1A
Weight: 0.013 g (typ.)


Similar Part No. - CRH01_06

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRH01107FB AAC-CRH01107FB Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH01107FM AAC-CRH01107FM Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH01107GB AAC-CRH01107GB Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH01107GM AAC-CRH01107GM Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH01107JB AAC-CRH01107JB Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
More results

Similar Description - CRH01_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
   Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
   Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
   Switching Mode Power Supply Applications
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH02 TOSHIBA-CLH02 Datasheet
202Kb / 5P
   Switching Mode Power Supply Applications
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
   Switching Mode Power Supply Applications
CMF02 TOSHIBA-CMF02 Datasheet
165Kb / 4P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com