Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM100RSA060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM100RSA060
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/600 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM100RSA060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM100RSA060 Datasheet HTML 1Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 2Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 3Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 4Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 5Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 6Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 7Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
565
PM100RSA060
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
100 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Over Current Trip Level Inverter Part
OC
-20
°C ≤ T ≤ 125°C
158
240
Amperes
Over Current Trip Level Brake Part
39
53
Amperes
Short Circuit Trip Level Inverter Part
SC
-20
°C ≤ T ≤ 125°C
360
Amperes
Short Circuit Trip Level Brake Part
79
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
10
S
Over Temperature Protection
OT
Trip Level
111
118
125
°C
OTR
Reset Level
100
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
UVR
Reset Level
12.5
Volts
Supply Voltage
VD
Applied between VUP1-VUPC,
13.5
15
16.5
Volts
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
—44
60
mA
VD = 15V, VCIN = 15V, VXP1-VXPC
—13
18
mA
Input ON Threshold Voltage
VCIN(on)
Applied between
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
VCIN(off)
UP, VP, WP, UN, VN, WN, Br
1.7
2.0
2.3
Volts
PWM Input Frequency
fPWM
3-
Sinusoidal
15
20
kHz
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V
0.01
mA
IFO(L)
VD = 15V, VFO = 15V
10
15
mA
Minimum Fault Output Pulse Width
tFO
VD = 15V
1.0
1.8
mS


Similar Part No. - PM100RSA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100RSA060 MITSUBISHI-PM100RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100RSA060 MITSUBISHI-PM100RSA060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM100RSA060 MITSUBISHI-PM100RSA060 Datasheet
88Kb / 8P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM100RSA060 MITSUBISHI-PM100RSA060_00 Datasheet
88Kb / 8P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100RSA060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100RSD060 POWEREX-PM100RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/600 Volts)
PM150RSA060 POWEREX-PM150RSA060 Datasheet
89Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
PM75RSA060 POWEREX-PM75RSA060 Datasheet
103Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSK060 POWEREX-PM75RSK060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSD060 POWEREX-PM75RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM200RSD060 POWEREX-PM200RSD060 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
PM50RSA060 POWEREX-PM50RSA060 Datasheet
104Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
PM75RVA060 POWEREX-PM75RVA060 Datasheet
87Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM30RSF060 POWEREX-PM30RSF060 Datasheet
96Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (30 Amperes/600 Volts)
PM50RSK060 POWEREX-PM50RSK060 Datasheet
134Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com