Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM100CSD060 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PM100CSD060
Description  Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM100CSD060 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM100CSD060 Datasheet HTML 1Page - Powerex Power Semiconductors PM100CSD060 Datasheet HTML 2Page - Powerex Power Semiconductors PM100CSD060 Datasheet HTML 3Page - Powerex Power Semiconductors PM100CSD060 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PM100CSD060
Intellimod™ Module
Three Phase IGBT Inverter Output
100 Amperes/600 Volts
4
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
0
0.5
1.0
2.0
1.5
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
(INVERTER PART)
COLLECTOR CURRENT, IC, (AMPERES)
0
20
100
40
60
80
VD = 15V
Tj = 25
oC
Tj = 125
oC
VCIN = 0V
101
102
103
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
100
101
toff
ton
101
102
103
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(off)
tc(off)
tc(on)
100
101
101
102
103
10-2
COLLECTOR CURRENT, IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
10-1
100
trr
VCC = 300V
VD = 15V
Tj = 25
oC
Tj = 125
oC
100
101
102
Irr
0
1.0
2.5
100
DIODE FORWARD VOLTAGE, VEC, (VOLTS)
DIODE FORWARD CHARACTERISTICS
(INVERTER PART)
101
102
0.5
1.5
2.0
Tj = 25
oC
Tj = 125
oC
VD = 15V
VCC = 300V
VD = 15V
Tj = 25
oC
Tj = 125
oC
INDUCTIVE LOAD
VCC = 300V
VD = 15V
Tj = 25
oC
Tj = 125
oC
INDUCTIVE LOAD
101
102
103
10-1
COLLECTOR CURRENT, IC, (AMPERES)
100
101
Esw(on)
Esw(off)
CONDITIONS:
HALF-BRIDGE INDUCTIVE LOAD
SWITCHING OPERATION
VCC = 300V
VGE = ±15V
Tj = 25
oC
Tj = 125
oC
INDUCTIVE LOAD
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT )
101
10-1
100
101
100
10-1
10-2
10-3
10-2
10-3
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi)
SWITCHING LOSS CHARACTERISTICS
101
10-1
100
101
100
10-1
10-2
10-3
10-2
10-3
STANDARD VALUE
Rth(j-c)Q = 0.70
oC/W
SINGLE PULSE
STANDARD VALUE
Rth(j-c)Q = 0.38
oC/W
SINGLE PULSE


Similar Part No. - PM100CSD060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100CSD060 MITSUBISHI-PM100CSD060 Datasheet
133Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100CSD060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CVA060 POWEREX-PM100CVA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM100CSA060 POWEREX-PM100CSA060 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM100RSA060 POWEREX-PM100RSA060 Datasheet
103Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/600 Volts)
PM100RSD060 POWEREX-PM100RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/600 Volts)
PM150CVA060 POWEREX-PM150CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM30CSJ060 POWEREX-PM30CSJ060 Datasheet
66Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (30 Amperes/600 Volts)
PM200CVA060 POWEREX-PM200CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM10CSJ060 POWEREX-PM10CSJ060 Datasheet
66Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (10 Amperes/600 Volts)
PM200CSA060 POWEREX-PM200CSA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM75CSD060 POWEREX-PM75CSD060 Datasheet
83Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com