Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F200BZT90BDBJE Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS28F200BZT90BDBJE
Description  262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F200BZT90BDBJE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS28F200BZT90BDBJE Datasheet HTML 4Page - Texas Instruments TMS28F200BZT90BDBJE Datasheet HTML 5Page - Texas Instruments TMS28F200BZT90BDBJE Datasheet HTML 6Page - Texas Instruments TMS28F200BZT90BDBJE Datasheet HTML 7Page - Texas Instruments TMS28F200BZT90BDBJE Datasheet HTML 8Page - Texas Instruments TMS28F200BZT90BDBJE Datasheet HTML 9Page - Texas Instruments TMS28F200BZT90BDBJE Datasheet HTML 10Page - Texas Instruments TMS28F200BZT90BDBJE Datasheet HTML 11Page - Texas Instruments TMS28F200BZT90BDBJE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TMS28F200BZT, TMS28F200BZB
262144 BY 8-BIT/131072 BY 16-BIT
BOOT-BLOCK FLASH MEMORIES
SMJS200E – JUNE 1994 – REVISED JANUARY 1998
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
byte-wide or word-wide mode selection
(continued)
Table 4. Operation Modes for Word-Wide Mode (BYTE = VIH)
MODE
E
G
RP
W
A9
A0
VPP
DQ0 – DQ15
Read
VIL
VIL
VIH
VIH
X
X
X
Data out
VIL
VIL
VIH
VIH
VID
VIL
X
Manufacturer-equivalent code 0089h
Algorithm-selection mode
VIL
VIL
VIH
VIH
VID
VIH
X
Device-equivalent code 2274h
(top boot block)
VIL
VIL
VIH
VIH
VID
VIH
X
Device-equivalent code 2275h
(bottom boot block)
Output disable
VIL
VIH
VIH
VIH
X
X
X
Hi-Z
Standby
VIH
X
VIH
X
X
X
X
Hi-Z
Reset / deep power down
X
X
VIL
X
X
X
X
Hi-Z
Write (see Note 1)
VIL
VIH
VIH or
VHH
VIL
X
X
VPPL or
VPPH
Data in
X = Don’t care
NOTE 1: When writing commands to the ’28F200BZx, VPP must be VPPH for block-erase or program commands to be executed and RP must
be held at VHH for the entire boot-block program or erase operation.
Table 5. Operation Modes for Byte-Wide Mode (BYTE = VIL)
MODE
E
G
RP
W
A9
A0
VPP
DQ15 / A –1
DQ8 – DQ14
DQ0 – DQ7
Read lower byte
VIL
VIL
VIH
VIH
X
X
X
VIL
Hi-Z
Data out
Read upper byte
VIL
VIL
VIH
VIH
X
X
X
VIH
Hi-Z
Data out
VIL
VIL
VIH
VIH
VID
VIL
X
X
Hi-Z
Manufacturer-equivalent
code 89h
Algorithm-selection
Device-equivalent code
g
mode
VIL
VIL
VIH
VIH
VID
VIH
X
X
Hi Z
q
74h (top boot block)
VIL
VIL
VIH
VIH
VID
VIH
X
X
Hi-Z
Device-equivalent code
75h (bottom boot block)
Output disable
VIL
VIH
VIH
VIH
X
X
X
X
Hi-Z
Hi-Z
Standby
VIH
X
VIH
X
X
X
X
X
Hi-Z
Hi-Z
Reset / deep power
down
X
X
VIL
X
X
X
X
X
Hi-Z
Hi-Z
Write (see Note 1)
VIL
VIH
VIH or
VHH
VIL
X
X
VPPL
or
VPPH
X
Hi-Z
Data in
X = Don’t care
NOTE 1: When writing commands to the ’28F200BZx, VPP must be VPPH for block-erase or program commands to be executed and RP must
be held at VHH for the entire boot-block program or erase operation.
command state machine operations
The
CSM
decodes
instructions
for
clear-status-register,
read,
read-algorithm-selection-code,
read-status-register, program, erase, erase-suspend, and erase-resume operations. The 8-bit command code
is input to the device on DQ0 – DQ7 (see Table 1 for CSM codes). During a program or erase cycle, the CSM
informs the WSM that a program or erase cycle has been requested. During a program cycle, the WSM controls
the program sequences and the CSM responds only to status-reads.


Similar Part No. - TMS28F200BZT90BDBJE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F200AEB TI-TMS28F200AEB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AET TI-TMS28F200AET Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AEY TI-TMS28F200AEY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AFB TI-TMS28F200AFB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AFB60BDBJL TI-TMS28F200AFB60BDBJL Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F200BZT90BDBJE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
[Old version datasheet]   8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
[Old version datasheet]   1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com